データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1036 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM1036
部品情報  LM1036 Dual DC Operated Tone/Volume/Balance Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1036 データシート(HTML) 2 Page - Texas Instruments

  LM1036 Datasheet HTML 1Page - Texas Instruments LM1036 Datasheet HTML 2Page - Texas Instruments LM1036 Datasheet HTML 3Page - Texas Instruments LM1036 Datasheet HTML 4Page - Texas Instruments LM1036 Datasheet HTML 5Page - Texas Instruments LM1036 Datasheet HTML 6Page - Texas Instruments LM1036 Datasheet HTML 7Page - Texas Instruments LM1036 Datasheet HTML 8Page - Texas Instruments LM1036 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM1036
SNAS525C – JAN 1995 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
16V
Control Pin Voltage (Pins 4, 7, 9, 12, 14)
VCC
Operating Temperature Range
0°C to +70°C
Storage Temperature Range
−65°C to +150°C
Power Dissipation
1W
Lead Temp. (Soldering, 10 seconds)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
Electrical Characteristics
(1)
VCC=12V, TA=25°C (unless otherwise stated)
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage Range
Pin 11
9
16
V
Supply Current
35
45
mA
Zener Regulated Output
Pin 17
Voltage
5.4
V
Current
5
mA
Maximum Output Voltage
Pins 8, 13; f=1 kHz
VCC=9V, Maximum Gain
0.8
Vrms
VCC=12V
0.8
1.0
Vrms
Maximum Input Voltage
Pins 2, 19; f=1 kHz, VCC 2V
1.3
1.6
Vrms
Gain=
−10 dB
Input Resistance
Pins 2, 19; f=1 kHz
20
30
k
Ω
Output Resistance
Pins 8, 13; f=1 kHz
20
Ω
Maximum Gain
V(Pin 12)=V(Pin 17); f=1 kHz
−2
0
2
dB
Volume Control Range
f=1 kHz
70
75
dB
Gain Tracking
f=1 kHz
Channel 1–Channel 2
0 dB through
−40 dB
1
3
dB
−40 dB through −60 dB
2
dB
Balance Control Range
Pins 8, 13; f=1 kHz
1
dB
−26
−20
dB
Bass Control Range(2)
f=40 Hz, Cb=0.39 μF
V(Pin 14)=V(Pin 17)
12
15
18
dB
V(Pin 14)=0V
−12
−15
−18
dB
Treble Control Range(2)
f= 16 kHz, Ct,=0.01 μF
V(Pin 4)=V(Pin 17)
12
15
18
dB
V(Pin 4)=0V
−12
−15
−18
dB
Total Harmonic Distortion
f=1 kHz, VIN=0.3 Vrms
Gain=0 dB
0.06
0.3
%
Gain=
−30 dB
0.03
%
Channel Separation
f=1 kHz, Maximum Gain
60
75
dB
(1)
The maximum permissible input level is dependent on tone and volume settings. See Application Notes.
(2)
The tone control range is defined by capacitors Cb and Ct. See Application Notes.
2
Submit Documentation Feedback
Copyright © 1995–2013, Texas Instruments Incorporated
Product Folder Links: LM1036


同様の部品番号 - LM1036

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 NSC-LM1036 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036N NSC-LM1036N Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
More results

同様の説明 - LM1036

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com