データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1036 データシート(PDF) 3 Page - Texas Instruments

部品番号 LM1036
部品情報  LM1036 Dual DC Operated Tone/Volume/Balance Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1036 データシート(HTML) 3 Page - Texas Instruments

  LM1036 Datasheet HTML 1Page - Texas Instruments LM1036 Datasheet HTML 2Page - Texas Instruments LM1036 Datasheet HTML 3Page - Texas Instruments LM1036 Datasheet HTML 4Page - Texas Instruments LM1036 Datasheet HTML 5Page - Texas Instruments LM1036 Datasheet HTML 6Page - Texas Instruments LM1036 Datasheet HTML 7Page - Texas Instruments LM1036 Datasheet HTML 8Page - Texas Instruments LM1036 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
LM1036
www.ti.com
SNAS525C – JAN 1995 – REVISED APRIL 2013
Electrical Characteristics
(1) (continued)
VCC=12V, TA=25°C (unless otherwise stated)
Parameter
Conditions
Min
Typ
Max
Units
Signal/Noise Ratio
Unweighted 100 Hz–20 kHz
80
dB
Maximum Gain, 0 dB=0.3 Vrms
CCIR/ARM(3)
Gain=0 dB, VIN=0.3 Vrms
75
79
dB
Gain=
−20 dB, VIN=1.0 Vrms
72
dB
Output Noise Voltage at Minimum Gain
CCIR/ARM(3)
10
16
μV
Supply Ripple Rejection
200 mVrms, 1 kHz Ripple
35
50
dB
Control Input Currents
Pins 4, 7, 9, 12, 14 (V=0V)
−0.6
−2.5
μA
Frequency Response
−1 dB (Flat Response
250
kHz
20 Hz–16 kHz)
(3)
Gaussian noise, measured over a period of 50 ms per channel, with a CCIR filter referenced to 2 kHz and an average-responding
meter.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1036


同様の部品番号 - LM1036

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 NSC-LM1036 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036N NSC-LM1036N Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
More results

同様の説明 - LM1036

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com