データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1036 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM1036
部品情報  LM1036 Dual DC Operated Tone/Volume/Balance Circuit
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1036 データシート(HTML) 1 Page - Texas Instruments

  LM1036 Datasheet HTML 1Page - Texas Instruments LM1036 Datasheet HTML 2Page - Texas Instruments LM1036 Datasheet HTML 3Page - Texas Instruments LM1036 Datasheet HTML 4Page - Texas Instruments LM1036 Datasheet HTML 5Page - Texas Instruments LM1036 Datasheet HTML 6Page - Texas Instruments LM1036 Datasheet HTML 7Page - Texas Instruments LM1036 Datasheet HTML 8Page - Texas Instruments LM1036 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM1036
www.ti.com
SNAS525C – JAN 1995 – REVISED APRIL 2013
LM1036 Dual DC Operated Tone/Volume/Balance Circuit
Check for Samples: LM1036
1
FEATURES
DESCRIPTION
The LM1036 is a DC controlled tone (bass/treble),
2
Wide Supply Voltage Range, 9V to 16V
volume and balance circuit for stereo applications in
Large Volume Control Range, 75 dB Typical
car radio, TV and audio systems. An additional
Tone Control, ±15 dB Typical
control input allows loudness compensation to be
simply effected.
Channel Separation, 75 dB Typical
Low Distortion, 0.06% Typical for An Input
Four control inputs provide control of the bass, treble,
balance and volume functions through application of
Level of 0.3 Vrms
DC voltages from a remote control system or,
High Signal to Noise, 80 dB Typical for an
alternatively, from four potentiometers which may be
Input Level of 0.3 Vrms
biased from a zener regulated supply provided on the
Few External Components Required
circuit.
Each tone response is defined by a single capacitor
chosen to give the desired characteristic.
Block and Connection Diagram
Figure 1. PDIP and SOIC Packages
See Package Numbers NFH0020A or DW0020B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1995–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM1036

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 NSC-LM1036 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036N NSC-LM1036N Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
More results

同様の説明 - LM1036

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
LM1040 NSC-LM1040 Datasheet
365Kb / 10P
   DUAL DC OPERATED TONE / VOLUME / BALANCE CIRCUIT WITH STEREO ENHANCEMENT FACILITY
LM4610 NSC-LM4610 Datasheet
408Kb / 11P
   Dual DC Operated Tone/Volume/Balance Circuit with National 3-D Sound
logo
NTE Electronics
NTE1576 NTE-NTE1576 Datasheet
23Kb / 3P
   Integrated Circuit Dual Volume Control/Balance/Tone
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com