データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10000 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10000
部品情報  AVS System Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10000 データシート(HTML) 4 Page - Texas Instruments

  LM10000 Datasheet HTML 1Page - Texas Instruments LM10000 Datasheet HTML 2Page - Texas Instruments LM10000 Datasheet HTML 3Page - Texas Instruments LM10000 Datasheet HTML 4Page - Texas Instruments LM10000 Datasheet HTML 5Page - Texas Instruments LM10000 Datasheet HTML 6Page - Texas Instruments LM10000 Datasheet HTML 7Page - Texas Instruments LM10000 Datasheet HTML 8Page - Texas Instruments LM10000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM10000
SNVS643C – JUNE 2010 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits appearing in standard type apply for TJ = 25°C. Limits appearing in boldface type apply over full operating junction
temperature range (
−40°C ≤ TJ ≤ +125°C. Unless otherwise noted, specifications apply to the LM10000 Typical Application
Circuit (pg. 2) with: VDD = 5.0V, CIN = 1µF.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ZE
Zero Code Error/Offset Error
57
nA
LOGIC AND CONTROL INPUTS
Rising
1.32
1.4
EN_BIASTH
Precision enable threshold
V
Falling
1.09
1.19
FLT_N, RESET_N
−10
IIL
Input Current Low
ENBIAS, CONTROL
−1
µA
SPWI, SCLK
−1
FLT_N, RESET_N
1
IIH
Input Current High
ENBIAS, CONTROL
10
µA
SPWI, SCLK
5
VIL
Input Low Voltage
CONTROL, FLT_N, RESET_N
0.5
V
VIH
Input High Voltage
CONTROL, FLT_N, RESET_N
1.1
V
VIL_PWI
Input Low Voltage, PWI
SPWI, SCLK, 1.6 < VPWI < 3.6
30
% of VPWI
VIH_PWI
Input High Voltage, PWI
SPWI, SCLK, 1.6 < VPWI < 3.6
70
fSCLK
PWI2 SCLK
**DC useful for testing/debug
0
15M
Hz
LOGIC AND CONTROL OUTPUTS
VOL
Output Low Level
CNTL_EN, ISINK ≤ 100 µA
0.4
VDD -
VOH
Output High Level
CNTL_EN, ISOURCE ≤ 100 µA
0.4
V
VPWI -
VOH_PWI
Output High Level, PWI
SPWI, ISOURCE ≤ 1mA
0.4
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM10000


同様の部品番号 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
More results

同様の説明 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
AN-2070 NSC-AN-2070 Datasheet
2Mb / 10P
   AVS Adaptor Board for USB AVS System Mainboards
logo
Texas Instruments
LM10520 TI1-LM10520 Datasheet
1Mb / 40P
[Old version datasheet]   LM10520 Single-Phase Buck Controller for AVS Systems
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
   AVS kit guidelines
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com