データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10000 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10000
部品情報  AVS System Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10000 データシート(HTML) 8 Page - Texas Instruments

Back Button LM10000 Datasheet HTML 4Page - Texas Instruments LM10000 Datasheet HTML 5Page - Texas Instruments LM10000 Datasheet HTML 6Page - Texas Instruments LM10000 Datasheet HTML 7Page - Texas Instruments LM10000 Datasheet HTML 8Page - Texas Instruments LM10000 Datasheet HTML 9Page - Texas Instruments LM10000 Datasheet HTML 10Page - Texas Instruments LM10000 Datasheet HTML 11Page - Texas Instruments LM10000 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM10000
SNVS643C – JUNE 2010 – REVISED APRIL 2013
www.ti.com
R4 - DEVICE CAPABILITY REGISTER
Address
0x04
Type
R/O
Reset Default
8h'02
Bit
Field Name
Description or Comment
7:3
Always read back 0
2:0
Always read back 010, specifying PWI 2.0
R9 - IAVS DEFAULT REGISTER
Address
0x09
Type
R/W
Reset Default
8h'7F
Bit
Field Name
Description or Comment
7
Sign
Always read back 0.
Current Data Code [6:0]
Current (µA)
7h'00
60
6:0
IAVS Default
7h'xx
Linear Scaling
7h'7F
0 (Default)
R10 - RAMP CONTROL
Address
0x0A
Type
R/W
Reset Default
8h'9C
Bit
Field Name
Description or Comment
7
Ramp Control Enable
1: Enabled
0: Disabled
6
Not Used
Always read 0
5:3
Ramp Time Step Control
Ramp Time Step Control
Ramp Time Step (µs)
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
6
1
0
1
8
1
1
0
12
1
1
1
16
2:0
Ramp Code Step Control
Ramp Code Step
Rising Step
Falling Step
(LSB)
(LSB)
0
0
0
1
1
0
0
1
2
1
0
1
0
3
2
0
1
1
4
3
1
0
0
6
4
1
0
1
8
5
1
1
0
12
6
1
1
1
16
8
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM10000


同様の部品番号 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
More results

同様の説明 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
AN-2070 NSC-AN-2070 Datasheet
2Mb / 10P
   AVS Adaptor Board for USB AVS System Mainboards
logo
Texas Instruments
LM10520 TI1-LM10520 Datasheet
1Mb / 40P
[Old version datasheet]   LM10520 Single-Phase Buck Controller for AVS Systems
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
   AVS kit guidelines
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com