データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10000 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10000
部品情報  AVS System Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10000 データシート(HTML) 1 Page - Texas Instruments

  LM10000 Datasheet HTML 1Page - Texas Instruments LM10000 Datasheet HTML 2Page - Texas Instruments LM10000 Datasheet HTML 3Page - Texas Instruments LM10000 Datasheet HTML 4Page - Texas Instruments LM10000 Datasheet HTML 5Page - Texas Instruments LM10000 Datasheet HTML 6Page - Texas Instruments LM10000 Datasheet HTML 7Page - Texas Instruments LM10000 Datasheet HTML 8Page - Texas Instruments LM10000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VIN
VOUT
RTN
0.6V - 1.2V, 20A
Single or Multi-Phase
Controller or Switcher
External
Controller
Slave Regulator
VOUT
HPM
CORE
APC 2
AVS
2
PWRGD
Enable
CNTL_EN
FLT_N
EN_BIAS
CONTROL
VPWI
VDD
ADDR
IAVS
SPWI
SCLK
RESET_N
AGND
AGND
0 PA ± 60 PA, 7 bit
3V ± 5.5V
V I/O
LM10000
ASIC/FPGA
VIN
HG
LG
PGN
D
FB
LM10000
www.ti.com
SNVS643C – JUNE 2010 – REVISED APRIL 2013
AVS System Controller
Check for Samples: LM10000
1
FEATURES
KEY SPECIFICATIONS
23
Flexible Enable Inputs to Allow Independent
PWI 2.0 Interface
Enable Control of External Controller and
AVS Control for One Output
LM10000
Precision Enable
Fault Input Restores Output Voltage Setting to
Default Value
DESCRIPTION
CNTL_EN Output That Enables/Disables
The LM10000 is used to enable Adaptive Voltage
External Controller
Scaling (AVS) to non-AVS regulators. It includes a
complete Slave Power Controller (SPC 2.0) to
7-Bit Current DAC That Can Directly Connect
communicate to the PowerWise™ Interface (PWI
to the Feedback Node of an External Controller
2.0), and a programmable current output DAC that
and Provide Smooth Voltage Control
allows voltage control to any regulator utilizing a
Programmable Slew Rate Control
feedback node/resistors to set the output voltage.
In addition to enabling AVS the LM10000 allows the
APPLICATIONS
system to control power states such as sleep and
AVS-Enabled ASICs and FPGAs
shutdown, and to configure the voltage step slew rate
from the PWI.
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerWise is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
More results

同様の説明 - LM10000

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10000 NSC-LM10000 Datasheet
1Mb / 12P
   Evaluation Board for LM10000 - PowerWise짰 AVS System Controller
AN-2070 NSC-AN-2070 Datasheet
2Mb / 10P
   AVS Adaptor Board for USB AVS System Mainboards
logo
Texas Instruments
LM10520 TI1-LM10520 Datasheet
1Mb / 40P
[Old version datasheet]   LM10520 Single-Phase Buck Controller for AVS Systems
logo
Xicor Inc.
X5114 XICOR-X5114 Datasheet
565Kb / 40P
   System Controller
logo
UMC Corporation
UM82C381 UMC-UM82C381 Datasheet
615Kb / 9P
   SYSTEM CONTROLLER
logo
National Semiconductor ...
NS32FX100-15 NSC-NS32FX100-15 Datasheet
955Kb / 94P
   System Controller
logo
Advanced Micro Devices
AMD-762 AMD-AMD-762 Datasheet
2Mb / 122P
   System Controller
logo
STMicroelectronics
AN390 STMICROELECTRONICS-AN390 Datasheet
397Kb / 17P
   AVS kit guidelines
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
Maxim Integrated Produc...
DS1673 MAXIM-DS1673 Datasheet
303Kb / 18P
   Portable System Controller
REV: 080805
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com