データシートサーチシステム |
|
LM10502 データシート(PDF) 8 Page - Texas Instruments |
|
|
LM10502 データシート(HTML) 8 Page - Texas Instruments |
8 / 35 page LM10502 SNVS884B – AUGUST 2012 – REVISED MAY 2013 www.ti.com LDO Electrical Characteristics (1) (2) Unless otherwise noted, VIN = 5.0V where: VIN=VVIN = VVIN_LDO. C1 = 4.7µF,C6 = 2.2µF. The application circuit used is the one shown in "Typical Application Circuit." Limits in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire operating junction temperature range of −30°C ≤ TA = TJ ≤ +85°C. Ma Uni Symbol Parameter Conditions Min Typ x ts VOUT Output Voltage Accuracy IOUT = 1mA,VOUT = 3V −3 +3 % IOUT Maximum Output Current 250 mA 0.5 ISC Short Circuit Current Limit Vout = 0V (3), V IN =3.3V A 5 VDO Dropout Voltage(4) IOUT = 250mA 175 240 Line Regulation 3.3V ≤ VIN ≤ 5.5V, IOUT = 1mA 5 mV ΔVOUT Load Regulation 1mA ≤ IOUT ≤ 250 mA, VIN = 3.3V, 5.0V 5 VIN = 5.0V 10 µVR eN Output Noise Voltage(3) 10 Hz ≤ f ≤ 100 kHz MS VIN = 3.3V 35 VIN = 5.0V 65 dB F = 10 kHz, PSRR Power Supply Rejection Ratio(3) IOUT = 20 mA VIN = 3.3V 40 VIN = 5.0V 45 µs tSTARTUP Startup Time from Shutdown(3) IOUT = 250 mA VIN = 3.3V 60 TTRANSIENT Startup Transient Overshoot(3) IOUT = 250 mA 30 mV (1) All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics. (3) Specification ensured by design. Not tested during production. (4) Dropout voltage is the difference between the input and output at which the output voltage drops to 100mV below its nominal value. Comparators Electrical Characteristics (1) (2) Unless otherwise noted, VIN = 5.0V where: VIN=VVIN = VVIN_LDO. The application circuit used is the one shown in "Typical Application Circuit." Limits in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the entire operating junction temperature range of −30°C ≤ TA = TJ ≤ +85°C. Symbol Parameter Conditions Min Typ Max Units VCOMP = 0.0V -2 0.1 IVCOMP VCOMP pin bias current µA VCOMP = 5.0V 0.1 2 VCOMP input rising VVCOMP_RISE 2.826 edge trigger level V VCOMP input falling VVCOMP_FALL 2.768 edge trigger level Hysteresis 30 60 80 mV VOH IRQ Output voltage high @2mA 0.8*VIN_IO V VOL IRQ Output voltage low @2mA 0.2*VIN_IO Transition time of tCOMP Interrupt to IRQ pin 6 15 µsec output (1) All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics. 8 Submit Documentation Feedback Copyright © 2012–2013, Texas Instruments Incorporated Product Folder Links: LM10502 |
同様の部品番号 - LM10502 |
|
同様の説明 - LM10502 |