データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10502 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10502
部品情報  Dual Buck LDO Power Management Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10502 データシート(HTML) 9 Page - Texas Instruments

Back Button LM10502 Datasheet HTML 5Page - Texas Instruments LM10502 Datasheet HTML 6Page - Texas Instruments LM10502 Datasheet HTML 7Page - Texas Instruments LM10502 Datasheet HTML 8Page - Texas Instruments LM10502 Datasheet HTML 9Page - Texas Instruments LM10502 Datasheet HTML 10Page - Texas Instruments LM10502 Datasheet HTML 11Page - Texas Instruments LM10502 Datasheet HTML 12Page - Texas Instruments LM10502 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5
3.026
3.028
3.030
3.032
3.034
3.036
VIN (V)
Current Load = 1mA
0
200
400
600
800
1000
1.790
1.795
1.800
1.805
1.810
1.815
1.820
1.825
1.830
1.835
1.840
IOUT (mA)
0
25 50 75 100 125 150 175 200 225 250
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
IOUT (mA)
VIN=3.3V
1 1.00V/
BUCK1
VIN = 3.3V
1A load
200 Ps/
1
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
IOUT(A)
10m
100m
1
0
10
20
30
40
50
60
70
80
90
100
IOUT(A)
LM10502
www.ti.com
SNVS884B – AUGUST 2012 – REVISED MAY 2013
Typical Performance Characteristics
Efficiency of Buck 1: VIN=3.3V, VOUT=1.8V
Efficiency of Buck 2: VIN=3.3V, VOUT=1.8V and 2.0V
Figure 2.
Figure 3.
LDO VOUT
Startup of Buck 1: VIN=3.3V
vs.
(VOUT=1.8V, IOUT=1.0A)
LDO VVIN
Figure 4.
Figure 5.
LDO VIN
vs.
Buck 1 VOUT vs. IOUT
VOUT
VIN=3.3V, VOUT=1.8V
Figure 6.
Figure 7.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM10502


同様の部品番号 - LM10502

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10502

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
logo
Texas Instruments
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com