データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10502 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10502
部品情報  Dual Buck LDO Power Management Unit
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10502 データシート(HTML) 10 Page - Texas Instruments

Back Button LM10502 Datasheet HTML 6Page - Texas Instruments LM10502 Datasheet HTML 7Page - Texas Instruments LM10502 Datasheet HTML 8Page - Texas Instruments LM10502 Datasheet HTML 9Page - Texas Instruments LM10502 Datasheet HTML 10Page - Texas Instruments LM10502 Datasheet HTML 11Page - Texas Instruments LM10502 Datasheet HTML 12Page - Texas Instruments LM10502 Datasheet HTML 13Page - Texas Instruments LM10502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
3.5
4.0
4.5
5.0
1.65
1.70
1.75
1.80
1.85
1.90
1.95
VIN(V)
50 s/div
Load 0-1Amp-0
50mV/div
Output Voltage
50mV/div
Load 0-600-0mA
Output Voltage
Load 0-1Amp-0
Output Voltage
50mV/div
0
200
400
600
800
1000
1.18
1.19
1.20
1.21
1.22
1.23
1.24
IOUT (mA)
Load 0-400-0 mA
Output Voltage
50mV/div
LM10502
SNVS884B – AUGUST 2012 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Buck 2 VOUT vs. IOUT
Buck 1LOAD TRANSIENT
VIN=3.3V, VOUT=1.2V
VIN=3.3V, VOUT=1.8V
Figure 8.
Figure 9.
Buck 2 LOAD TRANSIENT
Buck 1 LOAD TRANSIENT 1A
VIN=3.3V, VOUT=1.2V
VIN=3.3V, VOUT=1.8V COUT=70µF
Figure 10.
Figure 11.
Buck 2 LOAD TRANSIENT 1A
Buck 1 VOUT vs. VIN
VIN=3.3V, VOUT=1.2V COUT=70µF
VOUT=1.8V, IOUT=400mA
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM10502


同様の部品番号 - LM10502

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10502

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
logo
Texas Instruments
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
logo
Richtek Technology Corp...
RT9054 RICHTEK-RT9054 Datasheet
306Kb / 11P
   Portable Power Management 300mA Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com