データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 9 Page - Texas Instruments

Back Button LM10504_15 Datasheet HTML 5Page - Texas Instruments LM10504_15 Datasheet HTML 6Page - Texas Instruments LM10504_15 Datasheet HTML 7Page - Texas Instruments LM10504_15 Datasheet HTML 8Page - Texas Instruments LM10504_15 Datasheet HTML 9Page - Texas Instruments LM10504_15 Datasheet HTML 10Page - Texas Instruments LM10504_15 Datasheet HTML 11Page - Texas Instruments LM10504_15 Datasheet HTML 12Page - Texas Instruments LM10504_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LM10504
www.ti.com
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
Comparators Electrical Characteristics
(1) (2)
Unless otherwise noted, VIN = 5.0V. Limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type
apply over the entire operating junction temperature range of
−30°C ≤ TA = TJ ≤ +85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCOMP = 0.0V
0.1
2
IVCOMP
VCOMP pin bias current
µA
VCOMP = 5.0V
0.1
2
VCOMP_RIS
Comparator rising edge trigger level
2.79
E
V
VCOMP_FAL
Comparator falling edge trigger level
2.74
L
Hysteresis
30
60
80
mV
InterruptVO
0.8*VI
Output voltage high
H
N_IO
V
InterruptVO
0.2*VI
Output voltage low
L
N_IO
tCOMP
Transition time of Interrupt output
6
15
µs
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM10504


同様の部品番号 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com