データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 10 Page - Texas Instruments

部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 10 Page - Texas Instruments

Back Button LM10504_15 Datasheet HTML 6Page - Texas Instruments LM10504_15 Datasheet HTML 7Page - Texas Instruments LM10504_15 Datasheet HTML 8Page - Texas Instruments LM10504_15 Datasheet HTML 9Page - Texas Instruments LM10504_15 Datasheet HTML 10Page - Texas Instruments LM10504_15 Datasheet HTML 11Page - Texas Instruments LM10504_15 Datasheet HTML 12Page - Texas Instruments LM10504_15 Datasheet HTML 13Page - Texas Instruments LM10504_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0
40
80
120 160 200 240 280
2.992
2.994
2.996
2.998
3.000
3.002
3.004
3.006
3.008
IOUT(mA)
VIN = 5.0V
VIN = 3.3V
1 1.00V/
BUCK1
VIN = 5V
1A load
200 µs/
1
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
1 1.00V/
BUCK1
VIN = 3.3V
1A load
200 µs/
1
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
1
10
100
1k
10k
20
30
40
50
60
70
80
90
100
IOUT(mA)
VOUT = 3.0V
VOUT = 1.8V
LM10504
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
unless otherwise noted, TA = 25°C
Efficiency of Buck 1: VIN=5.0V, VOUT=3.0V
Efficiency of Buck 2: VIN=5.0V
Figure 1.
Figure 2.
Efficiency of Buck 3: VIN=5.0V, VOUT=1.0V
Startup of Buck 1: VOUT=3.0V
Figure 3.
Figure 4.
Startup of Buck 1: VOUT=3.0V
LDO VOUT vs. IOUT
Figure 5.
Figure 6.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10504


同様の部品番号 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com