データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10504_15 Datasheet HTML 7Page - Texas Instruments LM10504_15 Datasheet HTML 8Page - Texas Instruments LM10504_15 Datasheet HTML 9Page - Texas Instruments LM10504_15 Datasheet HTML 10Page - Texas Instruments LM10504_15 Datasheet HTML 11Page - Texas Instruments LM10504_15 Datasheet HTML 12Page - Texas Instruments LM10504_15 Datasheet HTML 13Page - Texas Instruments LM10504_15 Datasheet HTML 14Page - Texas Instruments LM10504_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
200
400
600
800
1000 1200
0.96
0.97
0.98
0.99
1.00
1.01
1.02
IOUT(mA)
0
200
400
600
800 1000 1200
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
IOUT(mA)
0
200
400
600
800
1000
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
IOUT(mA)
0
200
400
600
800
1000 1200
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
IOUT(mA)
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.993
2.994
2.995
2.996
2.997
2.998
2.999
3.000
3.001
3.002
3.003
VIN(V)
IOUT = 1mA
IOUT= 250mA
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
2.80
2.84
2.88
2.92
2.96
3.00
3.04
3.08
3.12
3.16
3.20
IOUT(A)
LM10504
www.ti.com
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
LDO VIN vs.
Buck 1 VOUT vs. IOUT
VOUT
VIN=5.0V, VOUT=3.0V
Figure 7.
Figure 8.
Buck 2 VOUT vs. IOUT
Buck 2 VOUT vs. IOUT
VIN=5.0V, VOUT=1.8V
VIN=5.0V, VOUT=3.0V
Figure 9.
Figure 10.
Buck 3 VOUT vs. IOUT
Buck 3 VOUT vs. IOUT
VIN=5.0V, VOUT=1.0V
VIN=5.0V, VOUT=1.2V
Figure 11.
Figure 12.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10504


同様の部品番号 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10504_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com