データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM101AQML データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM101AQML
部品情報  LM101AQML Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM101AQML データシート(HTML) 6 Page - Texas Instruments

Back Button LM101AQML Datasheet HTML 2Page - Texas Instruments LM101AQML Datasheet HTML 3Page - Texas Instruments LM101AQML Datasheet HTML 4Page - Texas Instruments LM101AQML Datasheet HTML 5Page - Texas Instruments LM101AQML Datasheet HTML 6Page - Texas Instruments LM101AQML Datasheet HTML 7Page - Texas Instruments LM101AQML Datasheet HTML 8Page - Texas Instruments LM101AQML Datasheet HTML 9Page - Texas Instruments LM101AQML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM101AQML
SNOSAI0A – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
LM101A
883 Electrical Characteristics DC Parameters (continued)
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, VCM= 0V
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
+VOP
Output Voltage Swing
RL = 10KΩ
16
V
4, 5, 6
RL = 2KΩ
15
V
4, 5, 6
RL = 10KΩ, VCC = ±15V
12
V
4, 5, 6
RL = 2KΩ, VCC = ±15V
10
V
4, 5, 6
-VOP
Output Voltage Swing
RL = 10KΩ
-16
V
4, 5, 6
RL = 2KΩ
-15
V
4, 5, 6
RL = 10KΩ, VCC = ±15V
-12
V
4, 5, 6
RL = 2KΩ, VCC = ±15V
-10
V
4, 5, 6
LM101A
883 Electrical Characteristics AC Parameters
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, RL = 2KΩ, AV = 1
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
+SR
Slew Rate
VI = -5V to 5V
0.2
V/µS
7
-SR
Slew Rate
VI = 5V to -5V
0.2
V/µS
7
GBW
Gain Bandwidth
VI = 50mVRMS, f = 20KHz
0.25
MHz
7
LM101A
QML and RH Electrical Characteristics
(1) DC Parameters
The following conditions apply to all parameters, unless otherwise specified
VCC = ±20V, VCM = 0V, RS = 50Ω
Symbol
Parameter
Conditions
Sub-
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
+VCC = 35V, -VCC = -5V,
-2.0
+2.0
mV
1
VCM = -15V
-3.0
+3.0
mV
2, 3
+VCC = 5V, -VCC = -35V,
-2.0
+2.0
mV
1
VCM = +15V
-3.0
+3.0
mV
2, 3
VCM = 0V
-2.0
+2.0
mV
1
-3.0
+3.0
mV
2, 3
+VCC = 5V, -VCC = -5V,
-2.0
+2.0
mV
1
VCM = 0V
-3.0
+3.0
mV
2, 3
IIO
Input Offset Current
+VCC = 35V, -VCC = -5V,
-10
+10
nA
1, 2
VCM = -15V, RS = 100KΩ
-20
+20
nA
3
+VCC = 5V, -VCC = -35V,
-10
+10
nA
1, 2
VCM = +15V, RS = 100KΩ
-20
+20
nA
3
VCM = 0V, RS = 100KΩ
-10
+10
nA
1, 2
-20
+20
nA
3
+VCC = 5V, -VCC = -5V,
-10
+10
nA
1, 2
VCM = 0V, RS = 100KΩ
-20
+20
nA
3
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics. These parts may be dose rate
sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters
are specified only for the conditions as specified in Mil-Std-883, Method 1019
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM101AQML


同様の部品番号 - LM101AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
More results

同様の説明 - LM101AQML

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM101AQML TI1-LM101AQML Datasheet
992Kb / 25P
[Old version datasheet]   LM101AQML Operational Amplifiers
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com