データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10507 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10507
部品情報  LM10507 Triple Buck LDO Power Management Unit
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10507 データシート(HTML) 10 Page - Texas Instruments

Back Button LM10507 Datasheet HTML 6Page - Texas Instruments LM10507 Datasheet HTML 7Page - Texas Instruments LM10507 Datasheet HTML 8Page - Texas Instruments LM10507 Datasheet HTML 9Page - Texas Instruments LM10507 Datasheet HTML 10Page - Texas Instruments LM10507 Datasheet HTML 11Page - Texas Instruments LM10507 Datasheet HTML 12Page - Texas Instruments LM10507 Datasheet HTML 13Page - Texas Instruments LM10507 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
LM10507
SNVS999 – MAY 2014
www.ti.com
7.9 LDO Electrical Characteristics
(1) (2) (3)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOUT
Output Voltage Accuracy
IOUT = 1mA, VOUT= 2.5 V
(4)
−3%
+3%
IOUT
Maximum Output Current
(4)
250
mA
ISC
Short-Circuit Current Limit
0.5
A
VDO
Dropout Voltage(5)
IOUT = 250 mA
(4)
200
260
Line Regulation
3.3 V
≤ VIN ≤ 5.5 V, IOUT = 1mA
5
mV
ΔVOUT
Load Regulation
1mA
≤ IOUT ≤ 250 mA, VIN = 3.3 V, 5.0 V
5
VIN = 5.0 V
10
eN
Output Noise Voltage (6)
10 Hz
≤ f ≤ 100 kHz
µVRMS
VIN = 3.3 V
35
VIN = 5.0 V
65
F = 10 kHz, COUT = 4.7 µF,
PSRR
Power Supply Rejection Ratio (6)
dB
IOUT = 20 mA
VIN = 3.3 V
40
VIN = 5.0 V
45
COUT = 4.7 µF IOUT =
tSTARTUP
Startup Time from Shutdown (6)
µs
250mA
VIN = 3.3 V
60
TTRANSIENT
Startup Transient Overshoot (6)
COUT = 4.7 µF IOUT = 250mA
(4)
30
mV
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Unless otherwise noted, VIN = 5.0V where: VIN = VVIN_B1 = VVIN_B2 = VVIN_B3. Limits apply for TJ = 25°C unless otherwise noted.
(4)
Limits apply over the entire operating junction temperature range of
−30°C ≤TA = TJ ≤ +85°C.
(5)
Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its
nominal value.
(6)
Specification ensured by design. Not tested during production.
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM10507


同様の部品番号 - LM10507

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10500 TI1-LM10500 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500 TI-LM10500 Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8 TI1-LM10500SQ-0.8 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
LM10500SQ-0.8/NOPB TI-LM10500SQ-0.8/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   5A Step-Down Energy Management Unit (EMU) With PowerWise Adaptive Voltage Scaling (AVS)
LM10500SQ-1.0 TI1-LM10500SQ-1.0 Datasheet
1Mb / 32P
[Old version datasheet]   LM10500 5A Step-Down Energy Management Unit (EMU) With PowerWise짰 Adaptive Voltage Scaling (AVS)
More results

同様の説明 - LM10507

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com