データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 2 Page - Texas Instruments

  LM10504 Datasheet HTML 1Page - Texas Instruments LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
C1
10 F
L3
2.2 H
3V
1.2V
Low = 1.0V
C6
4.7 F
L1
2.2 H
BUCK1
BUCK2
BUCK3
LDO
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
LDO
FB_B1
CS
CLK
DO
DI
VIN
Interrupt
Vcomp
L2
2.2 H
3V
Low = 1.8V
C7
4.7 F
C5
4.7 F
C8
2.2 F
Power Supply
3.3/5.0V
Vcore
1.2V/1A
Host 3
Domain
Host 1
Flash
3.0V/1.6A
Vcc
Vccq
3.0V/1A
Host 2
Domain
LM10504
Host
Controller
Vhost
3.0V/250 mA
System
Control
C2
10 F
C3
10 F
3V
C4
4.7 F
COMP
Reset
VIN_IO
C9
2.2 F
IO input
supply
DevSLP
Voltage Monitored
@ Startup
LM10504
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
www.ti.com
Typical Application Diagram
Overview
The LM10504 contains three buck converters and one LDO. Table 1 below lists the output characteristics of the
power regulators.
SUPPLY SPECIFICATION
Table 1. Output Voltage Configurations for LM10504
VOUT if
VOUT if
VOUT if
Vselect=Hi
Vselect=L
Maximum
Typical
Regulator
DEVSLP=High
VOUT
Comments
gh
ow
Output Current
Application
(DevSLP Mode)
(B2, B3)
(B2, B3)
1.1V to 3.6V;
Buck 1(1)
3.0V
3.0V
off
1.6A
VCC
Flash
50 mV steps
1.1V to 3.6V;
Buck 2(1)
3.0V
1.8V
off
1A
VCCQ
Interface
50 mV steps
0.7V to 1.335V;
Buck 3(1)
1.2V
1.0V
Vnomimal
−7%
1A
VCORE
Core
5mV steps
VHOST
Reference for
LDO
3.0V
3.0V
3.0V
3.0V
250 mA
controller
Host
(1)
Default voltage values are determined when working in PWM mode. Voltage may be 0.8-1.6% higher when in PFM mode.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM10504


同様の部品番号 - LM10504

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10504

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com