データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10504 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10504
部品情報  LM10504 Triple Buck LDO Power Management Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10504 データシート(HTML) 1 Page - Texas Instruments

  LM10504 Datasheet HTML 1Page - Texas Instruments LM10504 Datasheet HTML 2Page - Texas Instruments LM10504 Datasheet HTML 3Page - Texas Instruments LM10504 Datasheet HTML 4Page - Texas Instruments LM10504 Datasheet HTML 5Page - Texas Instruments LM10504 Datasheet HTML 6Page - Texas Instruments LM10504 Datasheet HTML 7Page - Texas Instruments LM10504 Datasheet HTML 8Page - Texas Instruments LM10504 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM10504
www.ti.com
SNVS739E – DECEMBER 2011 – REVISED MARCH 2013
LM10504 Triple Buck + LDO Power Management Unit
Check for Samples: LM10504
1
FEATURES
DESCRIPTION
The LM10504 is an advanced PMU containing three
2
Three Highly Efficient Programmable Buck
configurable,
high-efficiency
buck
regulators
for
Regulators
supplying variable voltages. The device is ideal for
Integrated FETs with Low RDSON
supporting ASIC and SOC designs for Solid-State
Bucks Operate with Their Phases Shifted to
and Flash drives.
Reduce the Input Current Ripple and
The LM10504 operates cooperatively with ASIC to
Capacitor Size
optimize the supply voltage for low-power conditions
Programmable Output Voltage via the SPI
and Power Saving modes via the SPI interface. It
Interface
also supports a 250 mA LDO and a programmable
Interrupt Comparator.
Overvoltage and Undervoltage Lockout
Automatic Internal Soft Start with Power-On
KEY SPECIFICATIONS
Reset
Programmable Buck Regulators:
Current Overload and Thermal Shutdown
Buck 1: 1.1V to 3.6V; 1.6A
Protection
Buck 2: 1.1V to 3.6V; 1A
PFM Mode for Low-Load, High-Efficiency
Operation
Buck 3: 0.7V to 1.335V; 1A
Power-Down Data Protection Enhances Data
±3% feedback voltage accuracy
Integrity
Up to 95% efficient buck regulators
Bypass Mode Available on Bucks 1 and 2
2MHz switching frequency for smaller inductor
Deep Sleep Mode to Save Power During Idle
size
Times
2.8 x 2.8 mm, 0.4 mm pitch 34-bump DSBGA
DEVSLP Function
package
Programmable Low-Dropout LDO 1.2V to 3.1V,
up to 250 mA
SPI-Programmable Interrupt Comparator (2.0V
to 4.0V)
Alternate Buck VOUTS Selectable via VSELECT
Logic Pins
Customizable Startup Sequencing for Varied
Controllers
RESET Pin
APPLICATIONS
Solid-State Drives
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM10504

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TME TI1-LM10504TME Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504TMX TI1-LM10504TMX Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
More results

同様の説明 - LM10504

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
[Old version datasheet]   Dual Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com