データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10520 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM10520
部品情報  LM10520 Single-Phase Buck Controller for AVS Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10520 データシート(HTML) 6 Page - Texas Instruments

Back Button LM10520 Datasheet HTML 2Page - Texas Instruments LM10520 Datasheet HTML 3Page - Texas Instruments LM10520 Datasheet HTML 4Page - Texas Instruments LM10520 Datasheet HTML 5Page - Texas Instruments LM10520 Datasheet HTML 6Page - Texas Instruments LM10520 Datasheet HTML 7Page - Texas Instruments LM10520 Datasheet HTML 8Page - Texas Instruments LM10520 Datasheet HTML 9Page - Texas Instruments LM10520 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM10520
SNVS638 – NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ISS-OC
SS Pin Sink Current During Over
VSS = 2.0V
90
µA
Current
ISEN-TH
ISEN Pin Source Current Trip Point
25
40
55
µA
IFB
FB Pin Current
Sourcing
20
nA
IADDR
Address pin source current
7.8
µA
IAVS
LSB
DAC Step size
IDAC-MAX / 2
n (1 ≤ n ≤ 7)
470
nA
Resolution
7
Bits
FS
Full Scale
56.69
µA
INL
Integral Non-Linearity
−2
2
LSB
DNL
Differential Non-Linearity
−0.5
0.5
ZE
Zero Code Error/Offset Error
57
nA
ERROR AMPLIFIER
GBW
Error Amplifier Unity Gain Bandwidth
9
MHz
G
Error Amplifier DC Gain
118
dB
SR
Error Amplifier Slew Rate
2
V/µs
IEAO
EAO Pin Current Sourcing and
14
mA
Sinking Capability
16
VEAO
Error Amplifier Output Voltage
Minimum
1
V
Maximum
2.2
V
GATE DRIVE
IQ-BOOT
BOOT Pin Quiescent Current
VBOOT = 12V, VSD = 0
18
90
µA
RHG_UP
High-Side MOSFET Driver Pull-Up
VBOOT = 5V @ 350 mA Sourcing
2.7
ON resistance
RHG_DN
High-Side MOSFET Driver Pull-Down
350 mA Sinking
0.8
ON resistance
RLG_UP
Low-Side MOSFET Driver Pull-Up ON
VBOOT = 5V @ 350 mA Sourcing
2.7
resistance
RLG_DN
Low-Side MOSFET Driver Pull-Down
350 mA Sinking
0.8
ON resistance
OSCILLATOR
RFADJ = 750 kΩ
50
RFADJ = 100 kΩ
300
PWM Frequency
RFADJ = 42.2 kΩ
475
600
725
fSW
kHz
RFADJ = 18.7 kΩ
1000
LM10520 External Synchronizing
Voltage Swing = 0V to VCC
250
1000
Signal Frequency
LM10520 Synchronization Signal Low
SYNCL
fSW = 250 kHz to 1 MHz
1
V
Threshold
LM10520 Synchronization Signal High
SYNCH
fSW = 250 kHz to 1 MHz
2
V
Threshold
DMAX
Max High-Side Duty Cycle
fSW = 300 kHz
86
fSW = 600 kHz
78
%
fSW = 1 MHz
67
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Links: LM10520


同様の部品番号 - LM10520

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results

同様の説明 - LM10520

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27241 NSC-LM27241 Datasheet
1Mb / 27P
   Synchronous Buck Regulator Controller for Mobile Systems
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com