データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10520 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM10520
部品情報  LM10520 Single-Phase Buck Controller for AVS Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10520 データシート(HTML) 7 Page - Texas Instruments

Back Button LM10520 Datasheet HTML 3Page - Texas Instruments LM10520 Datasheet HTML 4Page - Texas Instruments LM10520 Datasheet HTML 5Page - Texas Instruments LM10520 Datasheet HTML 6Page - Texas Instruments LM10520 Datasheet HTML 7Page - Texas Instruments LM10520 Datasheet HTML 8Page - Texas Instruments LM10520 Datasheet HTML 9Page - Texas Instruments LM10520 Datasheet HTML 10Page - Texas Instruments LM10520 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LM10520
www.ti.com
SNVS638 – NOVEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
VCC = 3.3V unless otherwise indicated. Typicals and limits appearing in plain type apply for TA= TJ= 25°C. Limits appearing in
boldface type apply over full Operating Temperature Range. Datasheet min/max specification limits are specified by design,
test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGIC AND CONTROL INPUTS
Rising
1.32
1.4
EN_BIASTH
Precision enable threshold
V
Falling
1.09
1.19
FLT_N, RESET_N
−10
IIL
Input Current Low
ENBIAS, CONTROL
−1
µA
SPWI, SCLK
−1
Input Current High
FLT_N, RESET_N
1
IIH
ENBIAS, CONTROL
10
µA
SPWI, SCLK
5
VIL
Input Low Voltage
CONTROL, FLT_N, RESET_N
0.5
V
VIH
Input High Voltage
CONTROL, FLT_N, RESET_N
1.1
VIL PWI
Input Low Voltage, PWI
SPWI, SCLK, 1.5 < VPWI < 3.3
30
% of
VPWI
VIH PWI
Input High Voltage, PWI
SPWI, SCLK, 1.5 < VPWI < 3.3
70
fSCLK
PWI2 SCLK
**DC useful for testing/debug
0
15M
Hz
VSTBY-IH
Standby High Trip Point
VFB = 0.575V, VBOOT = 3.3V
1.1
V
VSD Rising
VSTBY-IL
Standby Low Trip Point
VFB = 0.575V, VBOOT = 3.3V
0.232
V
VSD Falling
VSD-IH
SD Pin Logic High Trip Point
VSD Rising
1.3
V
VSD-IL
SD Pin Logic Low Trip Point
VSD Falling
0.8
V
LOGIC AND CONTROL OUTPUTS
VOL
Output Low Level
CNTL_EN, ISINK ≤ 1mA
0.4
VOH
Output High Level
CNTL_EN, ISINK ≤ 1mA
VDD -
0.4
V
VOH PWI
Output High Level, PWI
SPWI, ISOURCE ≤ 1mA
VPWI -
0.4
VPWGD-TH-LO
PWGD Pin Trip Points
VFB Falling
0.408
0.434
0.457
V
VPWGD-TH-HI
PWGD Pin Trip Points
VFB Rising
0.677
0.710
0.742
V
VPWGD-HYS
PWGD Hysteresis
VFB Falling
60
mV
VFB Rising
90
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10520


同様の部品番号 - LM10520

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results

同様の説明 - LM10520

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27241 NSC-LM27241 Datasheet
1Mb / 27P
   Synchronous Buck Regulator Controller for Mobile Systems
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com