データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10520 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10520
部品情報  LM10520 Single-Phase Buck Controller for AVS Systems
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10520 データシート(HTML) 11 Page - Texas Instruments

Back Button LM10520 Datasheet HTML 7Page - Texas Instruments LM10520 Datasheet HTML 8Page - Texas Instruments LM10520 Datasheet HTML 9Page - Texas Instruments LM10520 Datasheet HTML 10Page - Texas Instruments LM10520 Datasheet HTML 11Page - Texas Instruments LM10520 Datasheet HTML 12Page - Texas Instruments LM10520 Datasheet HTML 13Page - Texas Instruments LM10520 Datasheet HTML 14Page - Texas Instruments LM10520 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
EA
PWM
ILIM
40 PA
10 PA
SYNCHRONOUS
DRIVER LOGIC
OV
UV
10 Ps
DELAY
0.71V
0.434V
SHUT DOWN
LOGIC
UVLO
SD
VCC
FB
EAO
BOOT
HG
LG
ISEN
PWGD
SS/TRACK
PGND
90 PA
SSDONE
Soft-Start
Comparator
+ Logic
+
-
+
-
VREF=0.6V
REF
PWM LOGIC
PLL
*
FREQ/SYNC
*
CLOCK &
RAMP
Zero Detector
1VPP
IAVS
CNTL_EN
CONTROL
EN_BIAS
ON/OFF
FLT_N
RESET_N
VPWI
VIN
VCC5
VDD
Slave Power
Controller
(SPC 2)
IDAC
SPWI
SCLK
LDO
POR
ADDR
PGND
LM10520
www.ti.com
SNVS638 – NOVEMBER 2010
BLOCK DIAGRAM
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10520


同様の部品番号 - LM10520

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM10520 NSC-LM10520 Datasheet
3Mb / 18P
   20A Adaptive Voltage Scaling (AVS) Evaluation Board
More results

同様の説明 - LM10520

メーカー部品番号データシート部品情報
logo
ON Semiconductor
ADP3209D ONSEMI-ADP3209D Datasheet
466Kb / 27P
   Single-Phase, Synchronous Buck Controller
March, 2010 ??Rev. 0
logo
Texas Instruments
UCD9111 TI-UCD9111 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
Diodes Incorporated
AP3591 DIODES-AP3591 Datasheet
689Kb / 18P
   SINGLE PHASE SYNCHRONOUS BUCK CONTROLLER
logo
National Semiconductor ...
LM27213 NSC-LM27213 Datasheet
958Kb / 22P
   Single Phase Hysteretic Buck Controller
LM27241 NSC-LM27241 Datasheet
1Mb / 27P
   Synchronous Buck Regulator Controller for Mobile Systems
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Texas Instruments
LM27213 TI-LM27213_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM27213 Single Phase Hysteretic Buck Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com