データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10524 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM10524
部品情報  LM10524 Triple Buck Power Management Unit
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524 データシート(HTML) 2 Page - Texas Instruments

  LM10524_15 Datasheet HTML 1Page - Texas Instruments LM10524_15 Datasheet HTML 2Page - Texas Instruments LM10524_15 Datasheet HTML 3Page - Texas Instruments LM10524_15 Datasheet HTML 4Page - Texas Instruments LM10524_15 Datasheet HTML 5Page - Texas Instruments LM10524_15 Datasheet HTML 6Page - Texas Instruments LM10524_15 Datasheet HTML 7Page - Texas Instruments LM10524_15 Datasheet HTML 8Page - Texas Instruments LM10524_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
C1
47uF
L3
1.0uH
1.1 to 3.6V, 1.6A
0.7 to 1.95V, 2.5A
C6
4.7uF
L1
2.2uH
BUCK1
BUCK2
BUCK3
SPI
SW_B3
FB_B3
VIN_B3
FB_B2
SW_B2
VIN_B2
SW_B1
VIN_B1
FB_B1
SPI_CS
SPI_CLK
SPI_DO
SPI_DI
VIN
IRQ
Vcomp
L2
2.2uH
1.1 to 3.6V, 1.0A
C7
4.7uF
C5
4.7uF
C8
2.2uF
Host 3
Domain
Vcore
1.0V
Host 1
Flash
Vcc
2.85V
ASIC / SoC
Host 2
Domain
Vccq
1.8V
LM10524
System
Control
C2
47uF
C3
47uF
COMP
DEVSLP_OVR2
DEVSLP_OVR1
VIN_IO
C4
2.2uF
IO Input
Supply
DEVSLP
POWERUP_MODE
DEVSLP_ CTRL
PWR_OK
Power Supply
3.3 / 5.5V
SLEEP_EN
LM10524
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
Typical Application Diagram
2
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM10524


同様の部品番号 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524TME-A/NOPB TI1-LM10524TME-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524TMX-A/NOPB TI1-LM10524TMX-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
More results

同様の説明 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com