データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10524 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM10524
部品情報  LM10524 Triple Buck Power Management Unit
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524 データシート(HTML) 6 Page - Texas Instruments

Back Button LM10524_15 Datasheet HTML 2Page - Texas Instruments LM10524_15 Datasheet HTML 3Page - Texas Instruments LM10524_15 Datasheet HTML 4Page - Texas Instruments LM10524_15 Datasheet HTML 5Page - Texas Instruments LM10524_15 Datasheet HTML 6Page - Texas Instruments LM10524_15 Datasheet HTML 7Page - Texas Instruments LM10524_15 Datasheet HTML 8Page - Texas Instruments LM10524_15 Datasheet HTML 9Page - Texas Instruments LM10524_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LM10524
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
Table 1. 9.0 LM10524 Pin Description (continued)
Pin #
Pin Name
I/O(1) Type(2) Functional Description
G3
VIN_B2
I
P
Buck Switcher Regulator 2 - Power supply voltage input for power stage PFET, if Buck 2 is
not used, tie to ground to reduce leakage.
H3
VIN_B2
I
P
Buck Switcher Regulator 2 - Power supply voltage input for power stage PFET, if Buck 2 is
not used, tie to ground to reduce leakage.
G5
VIN_B3
I
P
Buck Switcher Regulator 3 - Power supply voltage input for power stage PFET.
H5
VIN_B3
I
P
Buck Switcher Regulator 3 - Power supply voltage input for power stage PFET..
A1
VIN_IO
I
A
Supply Voltage for Digital Interface.
Table 2. Device Information
Part Number
Buck 1 Bypass
FPWM Default
Package Type
Product
Supplied as
Identification
LM10524TME
Disabled
All Bucks
micro SMD
V088
250 Tape & Reel
LM10524TMX
1000 Tape & Reel
LM10524TME-A
Disabled
Bucks 2 + 3
micro SMD
V089
250 Tape & Reel
LM10524TMX-A
1000 Tape & Reel
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Pins
Min
Max
Units
VIN, VCOMP
-0.3
6
V
VIN_IO, VIN_B1, VIN_B2, VIN_B3, SPI_CS, SPI_DI, SPI_CLK, SPI_DO, DEVSLP,
-0.3
VVIN
DEVSLP_CTRL, SLEEP_EN, POWERUP MODE, SW_1, SW_2, SW_3, FB_1,
FB_2, FB_3, PWR_OK, IRQ, DEVSLP_OVR1, DEVSLP_OVR2
Junction Temperature, TJ-MAX
150
°C
Storage Temperature
-65
150
ESD Rating, HBM – Human Body Model
1
kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Operating Ratings
(1) (2) (3)
Pins
Min
Max
Units
VIN_B1, VIN_B2, VIN_B3, VIN
3
5.5
V
VIN_IO
1.72
VVIN
All other Input Pins
0
VVIN
Junction Temperature, TJ
-30
125
°C
Ambient Temperature, TA
-30
85
Junction-to-Ambient Thermal resistance,
θJA
40
°C/W
Maximum Continuous Power Dissipation, PDMAX
1
W
(1)
Internal thermal shutdown protects device from permanent damage. Thermal shutdown engages at TJ = +140°C and disengages at TJ
= +120°C (typ.). Thermal shutdown is ensured by design.
(2)
In applications where high power dissipation and/or poor thermal resistance is present the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junvction temperature (TJ-MAX-OP =
+125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
(3)
The amount of Absolute Maximum power dissipation allowed for the device depends on the ambient temperature and can be calculated
using the formula: P = (TJ–TA)/θJA, where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-
ambient thermal resistance.
θJA is highly application and board-layout dependent. Internal thermal shutdown circuitry protects the device
from permanent damage. (See General Electrical Characteristics).
6
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM10524


同様の部品番号 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524TME-A/NOPB TI1-LM10524TME-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524TMX-A/NOPB TI1-LM10524TMX-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
More results

同様の説明 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com