データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10524 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM10524
部品情報  LM10524 Triple Buck Power Management Unit
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524 データシート(HTML) 7 Page - Texas Instruments

Back Button LM10524_15 Datasheet HTML 3Page - Texas Instruments LM10524_15 Datasheet HTML 4Page - Texas Instruments LM10524_15 Datasheet HTML 5Page - Texas Instruments LM10524_15 Datasheet HTML 6Page - Texas Instruments LM10524_15 Datasheet HTML 7Page - Texas Instruments LM10524_15 Datasheet HTML 8Page - Texas Instruments LM10524_15 Datasheet HTML 9Page - Texas Instruments LM10524_15 Datasheet HTML 10Page - Texas Instruments LM10524_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LM10524
www.ti.com
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
General Electrical Characteristics
(1) (2)
Unless otherwise noted, VVIN = 5.0V where: VVIN=VVIN_B1 = VVIN_B2 = VVIN_B3. VVIN_I0 = 3.0V.
The application circuit used is the one shown in “Typical Application Circuit".
Limits in standard typeface are for TJ = 25°C.
Limits in boldface type apply over the full operating junction temperature range of -30°C
≤ TA=TJ ≤ +85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ(DEVSLP)
Quiescent supply
DevSLP=High
50
200
µA
current.
No load.
UNDER/OVER VOLTAGE LOCK OUT
VUVLO_RISING
2.7
2.9
3.135
V
VUVLO_FALLING
2.45
2.6
2.75
VOVLO_RISING
6.05
VOVLO_FALLING
5.75
DIGITAL INTERFACE
VIL
Logic Input Low
SPI_CS, SPI_DI, SPI_CLK,
0.3*VVIN_IO
V
POWERUP_MODE
VIH
Logic Input High
0.7*VVIN_IO
(3)
VIL
Logic Input Low
DEVSLP_OVR1, DEVSLP_OVR2
0.3*VVIN
(3)
VIH
Logic Input High
0.7*VVIN
VIL
Logic Input Low
DEVSLP(3)
0.3V
VIH
Logic Input High
1.2V
VOL
Logic output Low
IRQ (at 2mA load), SPI_DO,
0.2*VVIN_IO
DEVSLP_CTRL(3), SLEEP_EN(3),PWR_OK
VOH
Logic output High
0.8*VVIN_IO
IIL
Input Current, pin
SPI_CS, SPI_DI, SPI_CLK
-2
µA
driven low
DEVSLP
-5
IIH
Input Current, pin
SPI_CS, SPI_DI, SPI_CLK,DEVSLP
2
driven high
fSPI_MAX
SPI max
10
MHz
frequency
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Specification ensured by design. Not tested during production.
Copyright © 2013–2014, Texas Instruments Incorporated
7
Product Folder Links: LM10524


同様の部品番号 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524TME-A/NOPB TI1-LM10524TME-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524TMX-A/NOPB TI1-LM10524TMX-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
More results

同様の説明 - LM10524_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com