データシートサーチシステム |
|
LM10524 データシート(PDF) 11 Page - Texas Instruments |
|
LM10524 データシート(HTML) 11 Page - Texas Instruments |
11 / 44 page LM10524 www.ti.com SNVS986A – AUGUST 2013 – REVISED JANUARY 2014 Comparators Electrical Characteristics (1) (2) Unless otherwise noted, VVIN = 5.0V where: VVIN=VVIN_B1 = VVIN_B2 = VVIN_B3. The application circuit used is the one shown in “Typical Application Circuit". Limits in standard typeface are for TJ = 25°C. Limits in boldface type apply over the full operating junction temperature range of -30°C ≤ TA=TJ ≤ +85°C. Symbol Parameter Conditions Min Typ Max Units IVCOMP VCOMP pin bias current VCOMP = 0.0V 0.1 2 µA VCOMP = 5.0V 0.1 2 VCOMP_RISE Comparator rising edge trigger 2.79 V level VCOMP_FALL Comparator falling edge trigger 2.73 level Hysteresis 30 60 80 mV tCOMP_IRQ Transition time of Interrupt 6 15 µs output (1) All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical process control. (2) Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics. Copyright © 2013–2014, Texas Instruments Incorporated 11 Product Folder Links: LM10524 |
同様の部品番号 - LM10524_15 |
|
同様の説明 - LM10524_15 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |