データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10692 データシート(PDF) 6 Page - Texas Instruments

部品番号 LM10692
部品情報  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692 データシート(HTML) 6 Page - Texas Instruments

Back Button LM10692 Datasheet HTML 2Page - Texas Instruments LM10692 Datasheet HTML 3Page - Texas Instruments LM10692 Datasheet HTML 4Page - Texas Instruments LM10692 Datasheet HTML 5Page - Texas Instruments LM10692 Datasheet HTML 6Page - Texas Instruments LM10692 Datasheet HTML 7Page - Texas Instruments LM10692 Datasheet HTML 8Page - Texas Instruments LM10692 Datasheet HTML 9Page - Texas Instruments LM10692 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM10692
SNVSA53 – JULY 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
(1) (2) (3) (4)
over operating free-air temperature range (unless otherwise noted)
(5)
MIN
MAX
UNIT
Any supply pin, VIN to GND
-0.3
6
V
Any signal pin
-0.3
+(VIN+0.3)V but
V
not over 6.0V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are measured with respect to the potential at the GND pins.
(3)
VIN refers to these power pins connected together: VIN_B1 = VIN_B2=VI_B3 = VIN_B4 = VIN_B5 = VIN_B6 = VIN
(4)
GND Pins means all ground pins must be connected together.
(5)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
V
pins(1)
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification
1000
V
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
(1) (2) (3) (4)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, VIN_B2, VIN_B3, VIN_B4, VIN_B5
2.5
5.5
V
VIN_B1, VIN_B6
2.5
4
V
Junction Temperature, TJ
-40
125
°C
Ambient Temperature, TA
-40
85
°C
Storage Temperature
-65
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are measured with respect to the potential at the GND pins.
(3)
VIN refers to these power pins connected together: VIN_B1 = VIN_B2=VI_B3 = VIN_B4 = VIN_B5 = VIN_B6 = VIN
(4)
GND Pins means all ground pins must be connected together.
7.4 Thermal Information
LM10692
THERMAL METRIC(1)
RMY
UNIT
36 PINS
RθJA
Junction-to-ambient thermal resistance
39.2
RθJC(top)
Junction-to-case (top) thermal resistance
9.8
RθJB
Junction-to-board thermal resistance
6.2
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
6.2
RθJC(bot)
Junction-to-case (bottom) thermal resistance
2.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM10692


同様の部品番号 - LM10692

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM10692

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com