データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10692 データシート(PDF) 1 Page - Texas Instruments

部品番号 LM10692
部品情報  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692 データシート(HTML) 1 Page - Texas Instruments

  LM10692 Datasheet HTML 1Page - Texas Instruments LM10692 Datasheet HTML 2Page - Texas Instruments LM10692 Datasheet HTML 3Page - Texas Instruments LM10692 Datasheet HTML 4Page - Texas Instruments LM10692 Datasheet HTML 5Page - Texas Instruments LM10692 Datasheet HTML 6Page - Texas Instruments LM10692 Datasheet HTML 7Page - Texas Instruments LM10692 Datasheet HTML 8Page - Texas Instruments LM10692 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
BUCK1
BUCK 2
BUCK 3
I2C
B3_SW
B3_FB
B2_FB
B2_SW
B1_SW
B1_VIN
B1_FB
SCL
SDA
Power
Supply
LM10692
PFAIL
B4_SW
B4_FB
BUCK 5
B5_SW
10 F
AVIN
Bypass Mode 2.5A
System
Control
2.5V/200mA
1.8V/200mA
1.8V/2.5A
1.1V/800mA
2.5V - 5.5V
22 F
22 F
10 F
10 F
2.2 H
2.2 H
1.0 H
2.2 H
2.2 F
10 F
4.7 F
4.7 F
10 F
B2_VIN
B3_VIN
B4_VIN
1.8V_AON
BUCK 4
B5_FB
10 F
B5_VIN
PGND
PGND
AGND
BUCK 6
B6_SW
22 F
1.1V/2.5A
1.0 H
B6_FB
B6_VIN
PGND
22 F
PG_AON
PG_CPE
VIN_MODE
EN_AON
EN_CPE
2.5V AON
1.8V AON
1.8V IO
1.1V AON
1.1V CORE
Flash
2.85V / 3.3V
1.8V IO
IO_VIN
SSD
Controller
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM10692
SNVSA53 – JULY 2014
LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
1 Features
2 MHz Switching Frequency For Smaller
Inductor Size
1
Six High-efficiency Programmable Buck
Regulators:
2 Applications
Integrated FETs with Low RDSon
Optimized for Use in SSDs
Bucks Operate Phase Shifted to Reduce the
Embedded Systems: SoCs, ASICs, and
Input
Processors
Current ripple And Capacitor Size
Output Voltage Programmable via Serial
3 Description
interface
The LM10692 is an advanced PMU containing six
Under and Over Voltage Lock-out
configurable, buck regulators for supplying power to
advanced Flash Controllers in solid-state drives
Automatic Internal Soft Start
(SSDs). The device is ideal for use in solid state drive
Output Current Overload and Thermal
designs.
The
LM10692
communicates
with
the
Shutdown Protection
SF3700 Flash Controller via an I2C compatible
Active Discharge for Fast Discharge of Output
interface and digital I/O pins to optimize power
Voltage When Buck is Disabled
consumption with power saving modes.
I2C Compatible Serial Interface, up to 1 MHz
Device Information(1)
Power-On-Reset Output with Delay and Input
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Voltage Trigger
LM10692
QFN (36)
5.00 mm × 5.00 mm
Independent Enable Input Pins and Power Good
(1) For all available packages, see the orderable addendum at
output Pins for Control of Always-On (AON) and
the end of the datasheet.
Core Power (CPE) Rails
RMY Package Size 5.00 mm x 5.00 mm x 0.9 mm
Typical Application
(NOM)
Key Specifications
Single Input Rail with Wide Range: 2.5 V to 4.0
V
Programmable Output Voltage:
Buck1: 1.75 V to 3.3 V, 2.5 A
Buck2: 1.0 V to 2.55 V, 200 mA
Buck3: 0.8 V to 2.35 V, 200 mA
Buck4: 0.8 V to 2.35 V, 2.5 A
Buck5: 0.8 V to 1.575 V, 0.8 A
Buck6: 0.8 V to 1.575 V, 2.5 A
Buck1 Configurable as Bypass Switch (No
Inductor)
±1% Feedback Voltage Accuracy
Up to 95% Peak efficiency Buck Regulators
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM10692

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM10692

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com