データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10692BRMYT データシート(PDF) 5 Page - Texas Instruments

部品番号 LM10692BRMYT
部品情報  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692BRMYT データシート(HTML) 5 Page - Texas Instruments

  LM10692BRMYT Datasheet HTML 1Page - Texas Instruments LM10692BRMYT Datasheet HTML 2Page - Texas Instruments LM10692BRMYT Datasheet HTML 3Page - Texas Instruments LM10692BRMYT Datasheet HTML 4Page - Texas Instruments LM10692BRMYT Datasheet HTML 5Page - Texas Instruments LM10692BRMYT Datasheet HTML 6Page - Texas Instruments LM10692BRMYT Datasheet HTML 7Page - Texas Instruments LM10692BRMYT Datasheet HTML 8Page - Texas Instruments LM10692BRMYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LM10692
www.ti.com
SNVSA53 – JULY 2014
Pin Functions (continued)
PIN
TYPE
I/O
DESCRIPTION
(1)
NUMBER
NAME
15
B3_SW
O
P
Buck Switcher Regulator 3 – Power Switching node, connect to inductor
16
B3_VIN
I
P
Buck Switcher Regulator 3 – Power supply voltage input for power stage PFET
17
B3_FB
I
A
Buck Switcher Regulator 3 – Voltage output feedback for Buck Regulator 3
18
B2_VIN
I
P
Buck Switcher Regulator 2 – Power supply voltage input for power stage PFET
19
B2_SW
O
P
Buck Switcher Regulator 2 – Power Switching node, connect to inductor
20
B2_FB
I
A
Buck Switcher Regulator 2 – Voltage output feedback for Buck Regulator 2
21
B1_VIN
I
P
Buck Switcher Regulator 1 – Power supply voltage input for power stage PFET
22
B1_SW
O
P
Buck Switcher Regulator 1 – Power Switching node, connect to inductor
23
PGND
G
P
Power ground for Buck Regulator – Return Input and Output Cap to this pin
24
B1_FB
I
A
Buck Switcher Regulator 1 – Voltage output feedback for Buck Regulator 1
25
PG_CPE
O
D
Power good output for core power rails – Buck 1, Buck 4, and Buck 6, open drain
26
PG_AON
O
D
Power good pin for always on rails – Buck 2, Buck 3, and Buck 5, open drain
27
IO_VIN
I
P
Reference supply for digital interface to controller.
28
NC
-
-
Leave Floating
29
SCL
I
D
Digital interface for I2C Clock signal. Open Drain.
30
SDA
IO
D
Digital interface for I2C Data signal. Open Drain.
31
AVIN
I
P
Power Supply input Voltage. Must be present for device to work.
32
AGND
G
P
Power Supply Ground. Must be grounded for device to work.
33
EN_AON
I
D
Enable pin for always on rails – Buck 2, Buck 3, and Buck 5
34
NC
-
-
Leave Floating
35
EN_CPE
I
D
Enable for core power rails – Buck 1, Buck 4, and Buck 6
36
NC
-
-
Leave Floating
DAP
PGND
-
-
Thermally bonded. Needs low-impedance thermal connection to PCB
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM10692


同様の部品番号 - LM10692BRMYT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM10692BRMYT

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com