データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10692BRMYT データシート(PDF) 7 Page - Texas Instruments

部品番号 LM10692BRMYT
部品情報  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692BRMYT データシート(HTML) 7 Page - Texas Instruments

Back Button LM10692BRMYT Datasheet HTML 3Page - Texas Instruments LM10692BRMYT Datasheet HTML 4Page - Texas Instruments LM10692BRMYT Datasheet HTML 5Page - Texas Instruments LM10692BRMYT Datasheet HTML 6Page - Texas Instruments LM10692BRMYT Datasheet HTML 7Page - Texas Instruments LM10692BRMYT Datasheet HTML 8Page - Texas Instruments LM10692BRMYT Datasheet HTML 9Page - Texas Instruments LM10692BRMYT Datasheet HTML 10Page - Texas Instruments LM10692BRMYT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LM10692
www.ti.com
SNVSA53 – JULY 2014
7.5 Electrical Characteristics
(1) (2)
over operating free-air temperature range (unless otherwise noted)
Unless otherwise noted, VIN = 3.3V, where: VIN =VIN_B1=VIN_B2= VIN_B3=VIN_B4=VIN_B5= VIN_B6.
–40°C
≤ TA ≤ TJ ≤ +85°C
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
TYP
MIN
MAX
MIN
TYP(3)
MAX
(3)
IQ_OFF
Quiescent supply current. All Bucks OFF
8
µA
IQ_AON
All Bucks unloaded,
250
µA
Quiescent supply current
EN_CPE low
IQ
All Bucks unloaded and
320
µA
Quiescent supply current.
in PFM mode
IQ_ALLON
All Bucks unloaded,
6
mA
Quiescent supply current
Buck6 in FPWM mode
(default operating mode)
UNDER/OVER VOLTAGE LOCK OUT
VUVLO_RISING
Factory pre-set
2.50
2.4
V
VUVLO_FALLING
Factory pre-set
2.40
2.3
V
VOVLO_RISING
Factory pre-set
6.1
6.25
V
VOVLO_FALLING
Factory pre-set
5.8
V
THERMAL SHUTDOWN
TSD
Thermal Shutdown
°C
145
160
Temperature
DIGITAL INTERFACE
VIL-IO
Logic Input Low
SDA, SCL
0.4
V
VIH-IO
Logic Input High
SDA, SCL
1.05
V
VOL-IO
Logic Output Low
SDA
0.4
V
VDDIO Range
External Logic pullup
V
1.2
VIN
voltage for IO_VIN
IIL
-2
µA
Input Current, pin driven
low
-5
IIH
2
µA
Input Current, pin driven
VIN_MODE
high
5
fI2C_MAX
IO_VIN = 1.8 V Max
1000
kHz
I2C max frequency
frequency is application
specific
VIL-VIN_MODE
GND
V
VIN_MODE input low
(See (3))
+0.3
VIH-VIN_MODE
VIN_MODE input high
(See (3))
VIN-0.3
V
PFAIL THRESHOLD and BYPASS THRESHOLD
VPFAIL-falling
PFAIL_N falling threshold VIN_MODE = GND or
2.3
2.6
3.3
V
voltage
FLOATING
VPFAIL-rising
PFAIL_N rising threshold
VIN_MODE = GND or
2.3
2.7
3.3
V
voltage
FLOATING
TPFAIL
Active High(3), default
4
ms
PFAIL_N rise delay time
trim
VBYPASS
Bypass Mode threshold
2.9
V
(transitions from PWM to
Bypass mode when input
VIN_MODE = GND
voltage falls below
VBYPASS).
(1)
All limits are guaranteed by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TA = 25M C. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Specification ensured by design. Not tested during production.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM10692


同様の部品番号 - LM10692BRMYT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM10692BRMYT

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com