データシートサーチシステム |
|
LM10524 データシート(PDF) 2 Page - Texas Instruments |
|
|
LM10524 データシート(HTML) 2 Page - Texas Instruments |
2 / 44 page C1 47uF L3 1.0uH 1.1 to 3.6V, 1.6A 0.7 to 1.95V, 2.5A C6 4.7uF L1 2.2uH BUCK1 BUCK2 BUCK3 SPI SW_B3 FB_B3 VIN_B3 FB_B2 SW_B2 VIN_B2 SW_B1 VIN_B1 FB_B1 SPI_CS SPI_CLK SPI_DO SPI_DI VIN IRQ Vcomp L2 2.2uH 1.1 to 3.6V, 1.0A C7 4.7uF C5 4.7uF C8 2.2uF Host 3 Domain Vcore 1.0V Host 1 Flash Vcc 2.85V ASIC / SoC Host 2 Domain Vccq 1.8V LM10524 System Control C2 47uF C3 47uF COMP DEVSLP_OVR2 DEVSLP_OVR1 VIN_IO C4 2.2uF IO Input Supply DEVSLP POWERUP_MODE DEVSLP_ CTRL PWR_OK Power Supply 3.3 / 5.5V SLEEP_EN LM10524 SNVS986A – AUGUST 2013 – REVISED JANUARY 2014 www.ti.com Typical Application Diagram 2 Copyright © 2013–2014, Texas Instruments Incorporated Product Folder Links: LM10524 |
同様の部品番号 - LM10524 |
|
同様の説明 - LM10524 |