データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10524 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM10524
部品情報  LM10524 Triple Buck Power Management Unit
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10524 データシート(HTML) 10 Page - Texas Instruments

Back Button LM10524 Datasheet HTML 6Page - Texas Instruments LM10524 Datasheet HTML 7Page - Texas Instruments LM10524 Datasheet HTML 8Page - Texas Instruments LM10524 Datasheet HTML 9Page - Texas Instruments LM10524 Datasheet HTML 10Page - Texas Instruments LM10524 Datasheet HTML 11Page - Texas Instruments LM10524 Datasheet HTML 12Page - Texas Instruments LM10524 Datasheet HTML 13Page - Texas Instruments LM10524 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LM10524
SNVS986A – AUGUST 2013 – REVISED JANUARY 2014
www.ti.com
Buck 3 Electrical Characteristics
(1) (2) (3)
Unless otherwise noted, VVIN = 5.0V where: VVIN=VVIN_B1 = VVIN_B2 = VVIN_B3.
The application circuit used is the one shown in “Typical Application Circuit".
Limits in standard typeface are for TJ = 25°C.
Limits in boldface type apply over the full operating junction temperature range of -30°C
≤ TA=TJ ≤ +85°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IQ
DC Bias Current in VIN
No Load, PFM Mode
15
50
µA
IOUT-MAX
Continuous Peak load
Buck 3 enabled, switching in PWM
2.5
A
current (4)(5)(6)
IPEAK
Peak switching current limit
Buck 3 enabled, switching in PWM
2.9
3.5
η
Efficiency peak, Buck3(4)
IOUT = 0.3 A, VVIN = 3.3V
90
%
FSW
Switching Frequency
1.75
2
2.3
MHz
CIN
Input Capacitor(4)
0mA
≤ IOUT ≤ IOUT-MAX
4.7
µF
COUT
Output Filter Capacitor(4)
47
47
100
Output Capacitor ESR(4)
20
m
Ω
L
Output Filter Inductance(4)
1
µH
∆VOUT
DC Line regulation(4)
3.3V
≤ VVIN ≤ 5V, IOUT = IOUT-MAX
0.5
%/V
DC Load regulation, PWM(4)
VIN=5V, 100mA ≤ IOUT ≤ IOUT-MAX
0.3
%/A
IFB
Feedback pin input bias
VFB = 1.0V
3.0
5
µA
current
VFB
Feedback Accuracy
VFB = 1.0V
-3
3
%
RDS-ON-HS
High Side Switch On
95
m
Resistance
VVIN = 2.6V
140
RDS-ON-LS
Low Side Switch On
45
90
Resistance
Startup
Tstart_NoLoad
Internal soft-start (turn on
Start up from shutdown, VOUT=0V, no
0.1
ms
time)(4)
load, LC = recommended circuit, using
software enable, to VOUT = 95% of
final value
Tstart_FullLoad
Internal soft-start (turn on
Start up from shutdown, VOUT=0V,
0.5
time)(4)
Maximum Load, LC = recommended
circuit, using software enable, to VOUT
= 95% of final value
(1)
All limits are ensured by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TJ = 25°C. All hot and cold limits are ensured by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
BUCK normal operation is ensured if VIN ≥ VOUT+1.0V.
(4)
Specification ensured by design. Not tested during production.
(5)
In applications where high power dissipation and/or poor thermal resistance is present the maximum ambient temperature may have to
be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = +125°C),
the maximum power dissipation of the device in the application (PD-MAX), and the junction-to-ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
(6)
The amount of Absolute Maximum power dissipation allowed for the device depends on the ambient temperature and can be calculated
using the formula: P = (TJ–TA)/θJA, where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-
ambient thermal resistance.
θJA is highly application and board-layout dependent. Internal thermal shutdown circuitry protects the device
from permanent damage. (See General Electrical Characteristics.)
10
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM10524


同様の部品番号 - LM10524

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524TME-A/NOPB TI1-LM10524TME-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10524TMX-A/NOPB TI1-LM10524TMX-A/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
More results

同様の説明 - LM10524

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
[Old version datasheet]   LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
[Old version datasheet]   Triple Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM10504 Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
[Old version datasheet]   LM10507 Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE BUCK POWER MANAGEMENT IC
logo
STMicroelectronics
L7292 STMICROELECTRONICS-L7292 Datasheet
3Mb / 60P
   Five buck regulators power management unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com