データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM10692RMYT データシート(PDF) 11 Page - Texas Instruments

部品番号 LM10692RMYT
部品情報  LM10692 Power Management Unit for SandForce SF3700 SSD Controllers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM10692RMYT データシート(HTML) 11 Page - Texas Instruments

Back Button LM10692RMYT Datasheet HTML 7Page - Texas Instruments LM10692RMYT Datasheet HTML 8Page - Texas Instruments LM10692RMYT Datasheet HTML 9Page - Texas Instruments LM10692RMYT Datasheet HTML 10Page - Texas Instruments LM10692RMYT Datasheet HTML 11Page - Texas Instruments LM10692RMYT Datasheet HTML 12Page - Texas Instruments LM10692RMYT Datasheet HTML 13Page - Texas Instruments LM10692RMYT Datasheet HTML 14Page - Texas Instruments LM10692RMYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LM10692
www.ti.com
SNVSA53 – JULY 2014
7.9
Buck 4 Electrical Characteristic
(1) (2)
over operating free-air temperature range (unless otherwise noted)
Unless otherwise noted, VIN = 3.3V, where: VIN =VIN_B1=VIN_B2, VIN_B3=VIN_B4=VIN_B5= VIN_B6.
The application circuit used is the one shown in “Typical Application Circuit".
TA = 25°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP(3)
MAX
VOUT
Output Voltage default value
1.75
1.8
1.85
V
IOUT-MAX
Continuous maximum load current
Buck 4 enabled,(4)
2.5
A
IPEAK
Peak switching current limit
Buck 4 enabled
3.6
A
ηSW4-5V
Efficiency, Buck 4(4)
IOUT = 5mA to 1A, VOUT = 1.8 V,
80%
90%
L = 1 µH, ESRL = 50 m
Ω
FSW
Switching Frequency
PWM operation
2
MHz
CIN
Input Capacitor(4)
0 mA
≤ IOUT ≤ IOUT-MAX
22
µF
COUT
Output Filter Capacitor(4)
22
µF
Output Capacitor ESR(4)
10
m
Ω
L
Output Filter Inductance(4)
1
µH
VFB4
Feedback Voltage
VOUT = 1.8V (default),
1.8
V
PWM Mode, No Load
VOUT
DC Line regulation(4)
2.9
≤ VIN ≤ 5.0 V,
-1%
+1%
IOUT = IOUT-MAX
DC Load regulation(4)
Vin = 3.3 V,
-1%
+1%
0.1 × IOUT-MAX ≤ Iout ≤ IOUT-MAX
IFB
Feedback pin input bias current
VFB = 1.8 V
3.5
µA
RDS-ON-HS
High Side Switch On Resistance
Measured pin-to-pin, Vin = 3.3 V
85
m
RDS-ON-LS
Low Side Switch On Resistance
60
m
RDISCHARGE
Active Discharge Resistance
Measured from FB to GND
18
Ω
Tstart
Internal soft-start (turn on time)
Start up from shutdown, VOUT = 0 V,
no load, VOUT = 95% of 1.8 V,
(4) Cout
165
µs
= 22µF
(1)
All limits are guaranteed by design, test and/or statistical analysis. All electrical characteristics having room-temperature limits are tested
during production with TA = 25M C. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and
temperature variations and applying statistical process control.
(2)
Capacitors: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) are used in setting electrical characteristics.
(3)
Specification ensured by design. Not tested during production.
(4)
Specification ensured by design. Not tested during production.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM10692


同様の部品番号 - LM10692RMYT

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM106 NSC-LM106 Datasheet
97Kb / 6P
   Voltage Comparator
More results

同様の説明 - LM10692RMYT

メーカー部品番号データシート部品情報
logo
Richtek Technology Corp...
RT5045A RICHTEK-RT5045A Datasheet
2Mb / 51P
   Power Management Unit Total Power Solution for SSD
RT9991 RICHTEK-RT9991 Datasheet
251Kb / 14P
   Power Management IC for SSD
RT9996 RICHTEK-RT9996 Datasheet
230Kb / 12P
   Power Management IC for SSD
logo
Monolithic Power System...
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
   7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
   18V Enery Storage and Management Unit for SSD Application Evaluation Board
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com