データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL311JE データシート(PDF) 3 Page - Analog Devices

部品番号 ADXL311JE
部品情報  Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL311JE データシート(HTML) 3 Page - Analog Devices

  ADXL311JE Datasheet HTML 1Page - Analog Devices ADXL311JE Datasheet HTML 2Page - Analog Devices ADXL311JE Datasheet HTML 3Page - Analog Devices ADXL311JE Datasheet HTML 4Page - Analog Devices ADXL311JE Datasheet HTML 5Page - Analog Devices ADXL311JE Datasheet HTML 6Page - Analog Devices ADXL311JE Datasheet HTML 7Page - Analog Devices ADXL311JE Datasheet HTML 8Page - Analog Devices ADXL311JE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXL311
Rev. A | Page 3 of 12
SPECIFICATIONS
Table 1. TA = 25oC, VDD = 3 V, RBIAS = 125 kΩ, Acceleration = 0 g, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Units
SENSOR INPUT
Each Axis
Measurement Range
±2
g
Nonlinearity
Best Fit Straight Line
0.2
% of FS
Aligment Error1
±1
Degrees
Aligment Error
X Sensor to Y Sensor
0.01
Degrees
Cross Axis Sensitivity2
±2
%
SENSITIVITY
Each Axis
Sensitivity at XFILT, YFILT
VDD = 3 V
140
167
195
mV/g
Sensitivity Change due to Temperature3
Delta from 25°C
−0.025
%/°C
ZERO g BIAS LEVEL
Each Axis
0 g Voltage XFILT, YFILT
VDD = 3 V
1.2
1.5
1.8
V
0 g Offset vs. Temperature
Delta from 25°C
2.0
mg/°C
NOISE PERFORMANCE
Noise Density
@25°C
300
µg/√Hz RMS
FREQUENCY RESPONSE
3 dB Bandwidth
At Pins XFILT, YFILT
6
kHz
Sensor Resonant Frequency
10
kHz
FILTER
RFILT Tolerance
32 kΩ Nominal
±15
%
Minimum Capacitance
At Pins XFILT, YFILT
1000
pF
SELF TEST
XFILT, YFILT
Self Test 0 to 1
45
mV
POWER SUPPLY
Operating Voltage Range
2.7
5.25
V
Quiescent Supply Current
0.4
1.0
mA
Turn-On Time
160 × CFILT + 0.3
ms
TEMPERATURE RANGE
Operating Range
0
70
°C
1 Alignment error is specified as the angle between the true and indicated axis of sensitivity (
).
Figure 1
2 Cross axis sensitivity is the algebraic sum of the alignment and the inherent sensitivity errors.
3 Defined as the output change from ambient to maximum temperature or ambient to minimum temperature.


同様の部品番号 - ADXL311JE

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
More results

同様の説明 - ADXL311JE

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
logo
Analog Devices
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
   Low Cost 1.2 g Dual Axis Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
logo
Analog Devices
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
   Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
   Ultracompact 2g Dual-Axis Accelerometer
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com