データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM137JAN データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM137JAN
部品情報  3-Terminal Adjustable Negative Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM137JAN データシート(HTML) 4 Page - Texas Instruments

  LM137JAN Datasheet HTML 1Page - Texas Instruments LM137JAN Datasheet HTML 2Page - Texas Instruments LM137JAN Datasheet HTML 3Page - Texas Instruments LM137JAN Datasheet HTML 4Page - Texas Instruments LM137JAN Datasheet HTML 5Page - Texas Instruments LM137JAN Datasheet HTML 6Page - Texas Instruments LM137JAN Datasheet HTML 7Page - Texas Instruments LM137JAN Datasheet HTML 8Page - Texas Instruments LM137JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LM137JAN
SNVS332B – DECEMBER 2010 – REVISED MARCH 2013
www.ti.com
Quality Conformance Inspection
Mil-Std-883, Method 5005 — Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
LM137H
Electrical Characteristics DC Parameters
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
-1.275
-1.225
V
1
VIN = -4.25V, IL = 5mA
-1.3
-1.2
V
2, 3
-1.275
-1.225
V
1
VIN = -4.25V, IL = 500mA
-1.3
-1.2
V
2, 3
VOUT
Output Voltage
-1.275
-1.225
V
1
VIN = -41.25V, IL = 5mA
-1.3
-1.2
V
2, 3
-1.275
-1.225
V
1
VIN = -41.25V, IL = 50mA
-1.3
-1.2
V
2, 3
VIN = -41.25V to -4.25V,
-9.0
9.0
mV
1
VR Line
Line Regulation
IL = 5mA
-23
23
mV
2, 3
VIN = -6.25V, IL = 5mA to 500mA
-12
12
mV
1
-24
24
mV
2, 3
VIN = -41.25V, IL = 5mA to 50mA
-6.0
6.0
mV
1
VR Load
Load Regulation
-12
12
mV
2, 3
VIN = -6.25V, IL = 5mA to 200mA
-6.0
6.0
mV
1
-12
12
mV
2, 3
VRth
Thermal Regulation
VIN = -14.6V, IL = 500mA
-5.0
5.0
mV
1
VIN = -4.25V, IL = 5mA
25
100
µA
1, 2, 3
IAdj
Adjust Pin Current
VIN = -41.25V, IL = 5mA
25
100
µA
1, 2, 3
ΔIAdj / VLine
Adjust Pin Current Change vs.
VIN = -41.25V to -4.25V,
-5.0
5.0
µA
1, 2, 3
Line Voltage
IL = 5mA
ΔIAdj / ILoad
Adjust Pin Current Change vs.
VIN = -6.25V, IL = 5mA to 500mA
-5.0
5.0
µA
1, 2, 3
Load Current
VIN = -4.25V
0.5
1.8
A
1, 2, 3
IOS
Output Short Circuit Current
VIN = -40V
0.05
0.5
A
1, 2, 3
-1.275
-1.225
V
1
VIN = -4.25V
-1.3
-1.2
V
2, 3
VOUT
Output Voltage Recovery After
Recovery
Output Short Circuit Current
-1.275
-1.225
V
1
VIN = -40V
-1.3
-1.2
V
2, 3
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM137JAN


同様の部品番号 - LM137JAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
More results

同様の説明 - LM137JAN

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com