データシートサーチシステム |
|
LM139AQML データシート(PDF) 7 Page - Texas Instruments |
|
LM139AQML データシート(HTML) 7 Page - Texas Instruments |
7 / 29 page LM139AQML, LM139QML www.ti.com SNOSAH8G – FEBRUARY 2005 – REVISED MARCH 2013 LM139A 883, QMLV & RH, SMD 5962–9673801 Electrical Characteristics DC Parameters (1)(2) (continued) The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V Symbol Parameters Conditions Sub- Notes Min Max Unit groups VCM Common Mode Voltage Range +V = 30V See(4) V+ - 0 V 1 See(5) (1.5) See(4) V+ - 0 V 2, 3 See(5) (2.0) VDiff Differential Input Voltage +V = 30V, -V =0V, +VI = 36V, -VI = (6) 500 nA 1, 2, 3 0V +V = 30V, -V = 0V, +VI = 0V, -VI = (6) 500 nA 1, 2, 3 36V (4) The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V+ −1.5V for Subgroup 1, or V+ −2.0V for Subgroup 2 & 3. Either or both inputs can go to +30 VDC without damage, independent of the magnitude of V +. (5) Parameter ensured by VIO tests (6) The value for VDiff is not data logged during Read and Record. LM139A 883, QMLV & RH, SMD 5962–9673801 Electrical Characteristics AC Parameters (1) (2) The following conditions apply, unless otherwise specified. +V = 5V Symbol Parameters Conditions Sub- Notes Min Max Unit groups tRLH Response Time VOD = 5mV 5.0 µS 4 VOD = 50mV 0.8 µS 4 tRHL Response Time VOD = 5mV 2.5 µS 4 VOD = 50mV 0.8 µS 4 (1) Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the “Post Radiation Limits” table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect. Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019, Condition A. (2) Low dose rate testing has been performed on a wafer-by-wafer basis, per test method 1019, condition D, MIL-STD-883, with no enhanced low dose rate sensitivity (ELDRS) effect. Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics, except as listed in the “Post Radiation Limits” table. Radiation end point limits for the noted parameters are ensured for only the conditions as specified in MIL-STD-883, Method 1019, condition D. LM139A 883, QMLV & RH, SMD 5962–9673801 Electrical Characteristics DC Parameters Delta Values The following conditions apply, unless otherwise specified. +V = 5V, VCM = 0V Deltas required for S-Level, MLS (as specified on Internal Processing instructions (IPI)), and QMLV product at Group B, Subgroup 5. Symbol Parameters Conditions Sub- Notes Min Max Unit groups VIO Input Offset Voltage -1.0 1.0 mV 1 ± IBias Input Bias Current VO = 1.5V See(1) -15 15 nA 1 IIO Input Offset Current VO = 1.5V -10 +10 nA 1 (1) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the reference or input lines. Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM139AQML LM139QML |
同様の部品番号 - LM139AQML_16 |
|
同様の説明 - LM139AQML_16 |