データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM117HVGWRLQMLV データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM117HVGWRLQMLV
部品情報  3-Terminal Adjustable Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM117HVGWRLQMLV データシート(HTML) 1 Page - Texas Instruments

  LM117HVGWRLQMLV Datasheet HTML 1Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 2Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 3Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 4Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 5Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 6Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 7Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 8Page - Texas Instruments LM117HVGWRLQMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LM117HVQML, LM117HVQML-SP
www.ti.com
SNVS357D – MARCH 2006 – REVISED APRIL 2013
LM117HVQML 3-Terminal Adjustable Regulator
Check for Samples: LM117HVQML, LM117HVQML-SP
1
FEATURES
DESCRIPTION
The LM117HV are adjustable 3-terminal positive
2
Available with Radiation Ensured
voltage regulators capable of supplying either 0.5A or
Total Ionizing Dose 100 krad(Si)
1.5A over a 1.2V to 57V output range. They are
Low Dose Rate Qualified 100 krad(Si)
exceptionally easy to use and require only two
external resistors to set the output voltage. Further,
Adjustable Output down to 1.2V
both line and load regulation are better than standard
Specified 0.5A or 1.5A Output Current
fixed regulators.
Line Regulation Typically 0.01%/V
In
addition
to
higher
performance
than
fixed
Load Regulation Typically 0.1%
regulators, the LM117HV series offers full overload
Current Limit Constant with Temperature
protection available only in IC's. Included on the chip
are current limit, thermal overload protection and safe
Eliminates the Need to Stock Many Voltages
area protection. All overload protection circuitry
80 dB Ripple Rejection
remains fully functional even if the adjustment
Output is Short-Circuit Protected
terminal is disconnected.
Normally, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejections ratios
which are difficult to achieve with standard 3-terminal
regulators.
Besides replacing fixed regulators, the LM117HV is
useful in a wide variety of other applications. Since
the regulator is “floating” and sees only the input-to-
output
differential
voltage,
supplies
of
several
hundred volts can be regulated as long as the
maximum input to output differential is not exceeded,
i.e. do not short the output to ground.
Also, it makes an especially simple adjustable
switching regulator, a programmable output regulator,
or by connecting a fixed resistor between the
adjustment and output, the LM117HV can be used as
a precision current regulator. Supplies with electronic
shutdown
can
be
achieved
by
clamping
the
adjustment terminal to ground which programs the
output to 1.2V where most loads draw little current.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM117HVGWRLQMLV

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM117HVGWRLQMLV TI1-LM117HVGWRLQMLV Datasheet
1Mb / 30P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM117HVGWRLQMLV TI-LM117HVGWRLQMLV Datasheet
1Mb / 36P
[Old version datasheet]   LM117HVQML-SP RHA 4.25-V to 60-V 3-Terminal Adjustable Regulator
OCTOBER 2021
More results

同様の説明 - LM117HVGWRLQMLV

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com