データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM148JAN データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM148JAN
部品情報  Quad 741 Op Amps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM148JAN データシート(HTML) 5 Page - Texas Instruments

  LM148JAN Datasheet HTML 1Page - Texas Instruments LM148JAN Datasheet HTML 2Page - Texas Instruments LM148JAN Datasheet HTML 3Page - Texas Instruments LM148JAN Datasheet HTML 4Page - Texas Instruments LM148JAN Datasheet HTML 5Page - Texas Instruments LM148JAN Datasheet HTML 6Page - Texas Instruments LM148JAN Datasheet HTML 7Page - Texas Instruments LM148JAN Datasheet HTML 8Page - Texas Instruments LM148JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM148JAN
www.ti.com
SNOSAI2A – FEBRUARY 2005 – REVISED MARCH 2013
Electrical Characteristics
AC / DC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.)
±VCC = ±20V, VCM = 0V, measure each amplifier.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
+ IOS
Short Circuit Current
+VCC = 15V, −VCC = −15V,
−55
mA
1, 2
VCM = −10V
−75
mA
3
− IOS
Short Circuit Current
+VCC = 15V, −VCC = −15V,
55
mA
1, 2
VCM = +10V
75
mA
3
ICC
Power Supply Current
+VCC = 15V, −VCC = −15V
3.6
mA
1
4.5
mA
2, 3
−AVS
Open Loop Voltage Gain
VOUT = −15V, RL = 10KΩ
50
V/mV
4
25
V/mV
5, 6
VOUT = −15V, RL = 2KΩ
50
V/mV
4
25
V/mV
5, 6
+AVS
Open Loop Voltage Gain
VOUT = +15V, RL = 10KΩ
50
V/mV
4
25
V/mV
5, 6
VOUT = +15V, RL = 2KΩ
50
V/mV
4
25
V/mV
5, 6
AVS
Open Loop Voltage Gain
VCC = ±5V, VOUT = ±2V, RL = 10KΩ
10
V/mV
4, 5, 6
VCC = ±5V, VOUT = ±2V, RL = 2KΩ
10
V/mV
4, 5, 6
+VOP
Output Voltage Swing
RL = 10KΩ
+16
V
4, 5, 6
RL = 2KΩ
+15
V
4, 5, 6
-VOP
Output Voltage Swing
RL = 10KΩ
-16
V
4, 5, 6
RL = 2KΩ
-15
V
4, 5, 6
TRTR
Transient Response Time
VIN = 50mV, AV = 1
1
µS
7, 8A, 8B
TROS
Transient Response Time
VIN = 50mV, AV = 1
25
%
7, 8A, 8B
±SR
Slew Rate
VIN = −5V to +5V, AV = 1
0.2
V/µS
7, 8A, 8B
VIN = +5V to −5V, AV = 1
0.2
V/µS
7, 8A, 8B
Electrical Characteristics
AC PARAMETERS (The following conditions apply to all parameters, unless otherwise specified.)
±VCC = ±20V, VCM = 0V, measure each amplifier.
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
NIBB
Noise (Broadband)
BW = 10Hz to 5KHz
15
μVRMS
7
NIPC
Noise (Popcorn)
RS = 20KΩ
40
μVPK
7
CS
Channel Separation
VIN = ±10V, A to B, RL = 2KΩ
80
dB
7
VIN = ±10V, A to C, RL = 2KΩ
80
dB
7
VIN = ±10V, A to D, RL = 2KΩ
80
dB
7
VIN = ±10V, B to A, RL = 2KΩ
80
dB
7
VIN = ±10V, B to C, RL = 2KΩ
80
dB
7
VIN = ±10V, B to D, RL = 2KΩ
80
dB
7
VIN = ±10V, C to A, RL = 2KΩ
80
dB
7
VIN = ±10V, C to B, RL = 2KΩ
80
dB
7
VIN = ±10V, C to D, RL = 2KΩ
80
dB
7
VIN = ±10V, D to A, RL = 2KΩ
80
dB
7
VIN = ±10V, D to B, RL = 2KΩ
80
dB
7
VIN = ±10V, D to C, RL = 2KΩ
80
dB
7
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM148JAN


同様の部品番号 - LM148JAN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
More results

同様の説明 - LM148JAN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
logo
Texas Instruments
LM348-N TI-LM348-N Datasheet
1Mb / 22P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
logo
National Semiconductor ...
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com