データシートサーチシステム |
|
LM117HMD8 データシート(PDF) 7 Page - Texas Instruments |
|
|
LM117HMD8 データシート(HTML) 7 Page - Texas Instruments |
7 / 37 page LM117QML, LM117QML-SP www.ti.com SNVS356D – MARCH 2006 – REVISED APRIL 2013 LM117K Electrical Characteristics DC Parameters (continued) The following conditions apply, unless otherwise specified.VDiff = (VI − VO), IL = 10mA Sub- Symbol Parameter Conditions Notes Min Max Unit groups VDiff = 3V, -5.0 5.0 µA 1 IL = 10mA to 1.5A VDiff = 3.3V, -5.0 5.0 µA 2, 3 IL = 10mA to 1.5A ΔIAdj / Load Adjustment Current Change VDiff = 40V, -5.0 5.0 µA 1 IL = 10mA to 300mA VDiff = 40V, -5.0 5.0 µA 2, 3 IL = 10mA to 195mA 3V ≤ VDiff ≤ 40V -5.0 5.0 µA 1 ΔIAdj / Line Adjustment Current Change 3.3V ≤ VDiff ≤ 40V -5.0 5.0 µA 2, 3 IOS Short Circuit Current VDiff = 10V 1.6 3.4 A 1 TA = 25°C, t = 20mS, θR Thermal Regulation -10.5 10.5 mV 1 VDiff = 40V, IL = 300mA VDiff ≤ 15V See(1) 1.5 A 1, 2, 3 ICL Current Limit VDiff = 40V See(1) 0.3 A 1 (1) Specified parameter, not tested. LM117K Electrical Characteristics AC Parameters Sub- Symbol Parameter Conditions Notes Min Max Unit groups VI = +6.25V, VO = VRef, RR Ripple Rejection ƒ= 120Hz, eI = 1VRMS, See(1) 66 dB 4, 5, 6 IL = 0.5A (1) Tested @ 25°C; specified, but not tested @ 125°C & −55°C LM117E Electrical Characteristics DC Parameters The following conditions apply, unless otherwise specified. VDiff = (VI − VO), IL = 8mA, PD ≤ 1.5W Sub- Symbol Parameter Conditions Notes Min Max Unit groups VDiff = 3V 100 µA 1 IAdj Adjustment Pin Current VDiff = 3.3V 100 µA 2, 3 VDiff = 40V 100 µA 1, 2, 3 VDiff = 3V, VO = 1.7V 5.0 mA 1 IQ Minimum Load Current VDiff = 3.3V, VO = 1.7V 5.0 mA 2, 3 VDiff = 40V, VO = 1.7V 5.0 mA 1, 2, 3 VDiff = 3V 1.2 1.3 V 1 VRef Reference Voltage VDiff = 3.3V 1.2 1.3 V 2, 3 VDiff = 40V 1.2 1.3 V 1, 2, 3 3V ≤ VDiff ≤ 40V, -8.9 8.9 mV 1 VO = 1.2V VRLine Line Regulation 3.3V ≤ VDiff ≤ 40V, -22.2 22.2 mV 2, 3 VO = 1.2V Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM117QML LM117QML-SP |
同様の部品番号 - LM117HMD8 |
|
同様の説明 - LM117HMD8 |