データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM140K-5.0 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM140K-5.0
部品情報  3-Terminal Positive Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM140K-5.0 データシート(HTML) 5 Page - Texas Instruments

  LM140K-5.0 Datasheet HTML 1Page - Texas Instruments LM140K-5.0 Datasheet HTML 2Page - Texas Instruments LM140K-5.0 Datasheet HTML 3Page - Texas Instruments LM140K-5.0 Datasheet HTML 4Page - Texas Instruments LM140K-5.0 Datasheet HTML 5Page - Texas Instruments LM140K-5.0 Datasheet HTML 6Page - Texas Instruments LM140K-5.0 Datasheet HTML 7Page - Texas Instruments LM140K-5.0 Datasheet HTML 8Page - Texas Instruments LM140K-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM140K
www.ti.com
SNVS994 – JULY 2013
Typical Performance Characteristics (continued)
Quiescent Current
Peak Output Current
Figure 11.
Figure 12.
Dropout Voltage
Quiescent Current
Figure 13.
Figure 14.
Line Regulation
Line Regulation
140K, IOUT = 1A, TA = 25°C
140K, VIN = 10V, TA = 25°C
Figure 15.
Figure 16.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM140K


同様の部品番号 - LM140K-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140K-5.0 NSC-LM140K-5.0 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM140K-5.0 TI1-LM140K-5.0 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM140K-5.0/883 TI1-LM140K-5.0/883 Datasheet
221Kb / 14P
[Old version datasheet]   LM140QML Three Terminal Positive Regulators
More results

同様の説明 - LM140K-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com