データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C31GFAM40 データシート(PDF) 9 Page - Texas Instruments

部品番号 SM320C31GFAM40
部品情報  DIGITAL SIGNAL PROCESSORS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C31GFAM40 データシート(HTML) 9 Page - Texas Instruments

Back Button SM320C31GFAM40 Datasheet HTML 5Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 6Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 7Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 8Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 9Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 10Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 11Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 12Page - Texas Instruments SM320C31GFAM40 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026G − APRIL 1998 − REVISED SEPTEMBER 2006
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block diagram
24
Boot
Loader
Cache
(64
× 32)
RAM
Block 0
(1K
× 32)
RAM
Block 1
(1K
× 32)
RDY
HOLD
HOLDA
STRB
R/ W
D31− D0
A23 − A0
RESET
IR
PC
CPU1
REG1
REG2
MUX
40
32
32
32
32
32
32
32
24
24
24
24
BK
ARAU0
ARAU1
DISP0, IR0, IR1
Extended-
Precision
Registers
(R7−R0)
Auxiliary
Registers
(AR0 − AR7)
Other
Registers
(12)
40
40
40
40
Multiplier
32-Bit
Barrel
Shifter
ALU
DMA Controller
Global-Control
Register
Source-Address
Register
Destination-
Address
Register
Serial Port 0
Serial-Port-Control
Register
Receive/Transmit
(R / X) Timer Register
Data-Transmit
Register
Data-Receive
Register
FSX0
DX0
CLKX0
FSR0
DR0
CLKR0
Timer 0
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK0
Timer 1
Global-Control
Register
Timer-Period
Register
Timer-Counter
Register
TCLK1
Port Control
STRB-Control
Register
Transfer-
Counter
Register
PDATA Bus
PADDR Bus
DDATA Bus
DADDR1 Bus
DADDR2 Bus
DMADATA Bus
DMAADDR Bus
24
40
32
32
24
24
32
INT(3 − 0)
IACK
MCBL / MP
XF(1,0)
VDD(19 − 0)
VSS(24 − 0)
X1
X2 / CLKIN
H1
H3
EMU(3 − 0)
32
24
24
24
24
32
32
32
CPU2
32
32
40
40
Not Recommended for New Designs


同様の部品番号 - SM320C31GFAM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C31GFAM40 TI-SM320C31GFAM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C31GFAM40 TI1-SM320C31GFAM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

同様の説明 - SM320C31GFAM40

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com