データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD0345AS8500RF データシート(PDF) 9 Page - Texas Instruments

部品番号 AD0345AS8500RF
部品情報  RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AD0345AS8500RF データシート(HTML) 9 Page - Texas Instruments

Back Button AD0345AS8500RF Datasheet HTML 5Page - Texas Instruments AD0345AS8500RF Datasheet HTML 6Page - Texas Instruments AD0345AS8500RF Datasheet HTML 7Page - Texas Instruments AD0345AS8500RF Datasheet HTML 8Page - Texas Instruments AD0345AS8500RF Datasheet HTML 9Page - Texas Instruments AD0345AS8500RF Datasheet HTML 10Page - Texas Instruments AD0345AS8500RF Datasheet HTML 11Page - Texas Instruments AD0345AS8500RF Datasheet HTML 12Page - Texas Instruments AD0345AS8500RF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 61 page
background image
SMJ320C6701-SP
www.ti.com
SGUS030F – APRIL 2000 – REVISED SEPTEMBER 2013
Signal Descriptions (continued)
SIGNAL
TYPE(1)
DESCRIPTION
NAME
NO.
HOST-PORT INTERFACE (HPI)
HINT
H2
O/Z
Host interrupt (from DSP to host)
HCNTL1
J6
I
Host control – selects between control, address or data registers
HCNTL0
H6
I
Host control – selects between control, address or data registers
HHWIL
E4
I
Host halfword select – first or second halfword (not necessarily high or low order)
HBE1
G6
I
Host byte select within word or half-word
HBE0
F6
I
Host byte select within word or half-word
HR/W
D4
I
Host read or write select
HD15
D11
HD14
B11
HD13
A11
HD12
G9
HD11
D10
HD10
A10
HD9
C10
HD8
B9
I/O/Z
Host-port data (used for transfer of data, address and control)
HD7
F9
HD6
C9
HD5
A9
HD4
B8
HD3
D9
HD2
D8
HD1
B7
HD0
C7
HAS
L6
I
Host address strobe
HCS
C5
I
Host chip select
HDS1
C4
I
Host data strobe 1
HDS2
K6
I
Host data strobe 2
HRDY
H3
O
Host ready (from DSP to host)
BOOT MODE
BOOTMODE4
B16
BOOTMODE3
G14
BOOTMODE2
F15
I
Boot mode
BOOTMODE1
C18
BOOTMODE0
D17
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SMJ320C6701-SP


同様の部品番号 - AD0345AS8500RF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AD004-00 ETC2-AD004-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AD004-00 RHOPOINT-AD004-00 Datasheet
74Kb / 1P
   GMR Digital Sensor Evaluation Kit
logo
Alpha Industries
AD004T2-00 ALPHA-AD004T2-00 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
AD004T2-00 ALPHA-AD004T2-00 Datasheet
130Kb / 2P
   GaAs MMIC FET Transfer Switch DC-4 GHz
AD004T2-11 ALPHA-AD004T2-11 Datasheet
196Kb / 3P
   GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
More results

同様の説明 - AD0345AS8500RF

メーカー部品番号データシート部品情報
logo
Texas Instruments
SMJ320C6701-SP TI1-SMJ320C6701-SP Datasheet
791Kb / 60P
[Old version datasheet]   RAD-TOLERANT CLASS-V FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com