データシートサーチシステム |
|
SN74ABT534ADBLE データシート(PDF) 7 Page - Texas Instruments |
|
SN74ABT534ADBLE データシート(HTML) 7 Page - Texas Instruments |
7 / 20 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9314701QRA ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9314701QR A SNJ54ABT534J 5962-9314701QSA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9314701QS A SNJ54ABT534W SN74ABT534ADBLE OBSOLETE SSOP DB 20 TBD Call TI Call TI -40 to 85 SN74ABT534ADBR ACTIVE SSOP DB 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 AB534A SN74ABT534ADW ACTIVE SOIC DW 20 25 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT534A SN74ABT534ADWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT534A SN74ABT534AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ABT534AN SN74ABT534ANE4 ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 SN74ABT534AN SN74ABT534ANSR ACTIVE SO NS 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 ABT534A SN74ABT534APWLE OBSOLETE TSSOP PW 20 TBD Call TI Call TI -40 to 85 SNJ54ABT534J ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9314701QR A SNJ54ABT534J SNJ54ABT534W ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9314701QS A SNJ54ABT534W (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. |
同様の部品番号 - SN74ABT534ADBLE |
|
同様の説明 - SN74ABT534ADBLE |