データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ABT18502 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74ABT18502
部品情報  SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT18502 データシート(HTML) 10 Page - Texas Instruments

Back Button SN74ABT18502 Datasheet HTML 6Page - Texas Instruments SN74ABT18502 Datasheet HTML 7Page - Texas Instruments SN74ABT18502 Datasheet HTML 8Page - Texas Instruments SN74ABT18502 Datasheet HTML 9Page - Texas Instruments SN74ABT18502 Datasheet HTML 10Page - Texas Instruments SN74ABT18502 Datasheet HTML 11Page - Texas Instruments SN74ABT18502 Datasheet HTML 12Page - Texas Instruments SN74ABT18502 Datasheet HTML 13Page - Texas Instruments SN74ABT18502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SN54ABT18502
SCAN TEST DEVICE WITH
18-BIT REGISTERED BUS TRANSCEIVER
SCBS109C – AUGUST 1992 – REVISED AUGUST 1994
4–10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
boundary-control register
The boundary-control register (BCR) is 21 bits long. The BCR is used in the context of the RUNT instruction to
implement additional test operations not included in the basic SCOPE
™ instruction set. Such operations include
PRPG, PSA with input masking, and binary count up (COUNT). Table 5 shows the test operations that are
decoded by the BCR.
During Capture-DR, the contents of the BCR are not changed. At power up or in Test-Logic-Reset, the BCR is
reset to the binary value 000000000000000000010, which selects the PSA test operation with no input masking.
The BCR order of scan is from TDI through bits 20 – 0 to TDO. Table 2 shows the BCR bits and their associated
test control signals.
Table 2. Boundary-Control-Register Configuration
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
BCR BIT
NUMBER
TEST
CONTROL
SIGNAL
20
MASK2.9
11
MASK1.9
2
OPCODE2
19
MASK2.8
10
MASK1.8
1
OPCODE1
18
MASK2.7
9
MASK1.7
0
OPCODE0
17
MASK2.6
8
MASK1.6
––
––
16
MASK2.5
7
MASK1.5
––
––
15
MASK2.4
6
MASK1.4
––
––
14
MASK2.3
5
MASK1.3
––
––
13
MASK2.2
4
MASK1.2
––
––
12
MASK2.1
3
MASK1.1
––
––
bypass register
The bypass register is a 1-bit scan path that can be selected to shorten the length of the system scan path,
thereby reducing the number of bits per test pattern that must be applied to complete a test operation. During
Capture-DR, the bypass register captures a logic 0. The bypass register order of scan is illustrated in
Figure 3.
Bit 0
TDO
TDI
Figure 3. Bypass Register Order of Scan


同様の部品番号 - SN74ABT18502

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ABT18502 TI-SN74ABT18502 Datasheet
384Kb / 28P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PM TI-SN74ABT18502PM Datasheet
384Kb / 28P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PM TI-SN74ABT18502PM Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502PMG4 TI-SN74ABT18502PMG4 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
More results

同様の説明 - SN74ABT18502

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ABT18502 TI-SN54ABT18502 Datasheet
409Kb / 29P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502_06 Datasheet
433Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN74ABT18502 TI-SN74ABT18502 Datasheet
384Kb / 28P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER
SN54ABT18245 TI1-SN54ABT18245 Datasheet
435Kb / 30P
[Old version datasheet]   SCAN TEST DEVICE WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54LVT18502 TI1-SN54LVT18502_08 Datasheet
504Kb / 31P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVT18502 TI-SN54LVT18502 Datasheet
405Kb / 29P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICE WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT8952 TI-SN54ABT8952 Datasheet
365Kb / 24P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com