データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25066A データシート(PDF) 10 Page - Texas Instruments

部品番号 LM25066A
部品情報  System Power Management and Protection IC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066A データシート(HTML) 10 Page - Texas Instruments

Back Button LM25066A_15 Datasheet HTML 6Page - Texas Instruments LM25066A_15 Datasheet HTML 7Page - Texas Instruments LM25066A_15 Datasheet HTML 8Page - Texas Instruments LM25066A_15 Datasheet HTML 9Page - Texas Instruments LM25066A_15 Datasheet HTML 10Page - Texas Instruments LM25066A_15 Datasheet HTML 11Page - Texas Instruments LM25066A_15 Datasheet HTML 12Page - Texas Instruments LM25066A_15 Datasheet HTML 13Page - Texas Instruments LM25066A_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
-60 -40 -20 0 20 40 60 80 100120140
40
60
80
100
120
140
160
180
200
TEMPERATURE (°C)
CL = GND, CB = GND
CL = GND, CB = VDD
CL = VDD, CB = VDD
VIN = 5V to 17V
VIN = 2.9V
-60 -40 -20 0
20 40 60 80 100 120 140
40
41
42
43
44
45
46
47
48
49
50
TEMPERATURE (°C)
-60 -40 -20 0 20 40 60 80 100120140
-26.0
-25.5
-25.0
-24.5
-24.0
-23.5
-23.0
TEMPERATURE (°C)
-60 -40 -20 0
20 40 60 80 100 120 140
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
27.0
TEMPERATURE (°C)
VIN = 2.9V
VIN = 5V to 17V
-60 -40 -20 0 20 40 60 80 100120140
1.162
1.163
1.164
1.165
1.166
1.167
TEMPERATURE (°C)
VIN = 2.9V
VIN = 17V
VIN = 12V
VIN = 12V to 17V
-60 -40 -20 0
20 40 60 80 100 120 140
-30
-28
-26
-24
-22
-20
-18
-16
TEMPERATURE (°C)
LM25066A
SNVS700F – DECEMBER 2010 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, the following conditions apply: TJ = 25°C, VIN = 12V. All graphs show junction temperature.
OVLO Threshold
OVLO Hysteresis
Figure 14.
Figure 15.
FB Pin Hysteresis
Current Limit Threshold
Figure 16.
Figure 17.
Current Limit Threshold
Circuit Breaker Threshold
Figure 18.
Figure 19.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM25066A


同様の部品番号 - LM25066A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQE TI1-LM25066APSQE Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQX TI1-LM25066APSQX Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
More results

同様の説明 - LM25066A_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com