データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM32C6416TBGLZI1EP データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM32C6416TBGLZI1EP
部品情報  FOXED-POINT DIGITAL SIGNAL PROCESSOR
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6416TBGLZI1EP データシート(HTML) 5 Page - Texas Instruments

  SM32C6416TBGLZI1EP Datasheet HTML 1Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 2Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 3Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 4Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 5Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 6Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 7Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 8Page - Texas Instruments SM32C6416TBGLZI1EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 131 page
background image
SM32C6416T-EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS056A − MARCH 2005 − REVISED FEBRUARY 2006
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
device characteristics
Table 1 provides an overview of the C6416T DSP. The table shows significant features of the C64x devices,
including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package type with pin count.
Table 1. Characteristics of the C6416T Processor
HARDWARE FEATURES
C6416T (600, 720 MHz)
C6416T (850 MHz, 1 GHz)
EMIFA (64-bit bus width)
(default clock source = AECLKIN)
1
1
Peripherals
EMIFB (16-bit bus width)
(default clock source = BECLKIN)
1
1
Peripherals
Not all peripherals pins
EDMA (64 independent channels)
1
1
Not all peripherals pins
are available at the same
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
1 (HPI16 or HPI32)
are available at the same
time. (For more details,
see the Device
PCI (32-bit)
1
1
time. (For more details,
see the Device
Configuration section.)
Peripheral performance is
McBSPs
(default internal clock source = CPU/4
clock frequency)
3
3
Peripheral performance is
dependent on chip-level
UTOPIA (8-bit mode)
1
1
dependent on chip-level
configuration.
32-Bit Timers
(default internal clock source = CPU/8
clock frequency)
3
3
General-Purpose Input/Output 0 (GP0)
16
16
Decoder Coprocessors
VCP
1
1
Decoder Coprocessors
TCP
1
1
Size (Bytes)
1056K
1056K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program
(L1P) Cache
16KB L1 Data (L1D) Cache
1024KB Unified Mapped
RAM/Cache (L2)
16K-Byte (16KB) L1 Program
(L1P) Cache
16KB L1 Data (L1D) Cache
1024KB Unified Mapped
RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
0x0C01
Device_ID
Silicon Revision Identification Register
(DEVICE_REV [20:16])
Address: 0x01B0 0200
DEVICE_REV[20:16]
Silicon
Revision
10000
1.0
DEVICE_REV[20:16]
Silicon
Revision
10000
1.0
Frequency
MHz
600, 720
850 MHz, 1 GHz
Cycle Time
ns
1.67 ns - 6 (600 MHz)
1.39 ns - 7 (720 MHz)
1.17 ns - 8 [850 MHz]
1 ns - 1 (1 GHz)
Voltage
Core (V)
1.1 V (-600)
1.2 V (-720)
−1.2 V (850)
1.2 V (1 G)
Voltage
I/O (V)
3.3 V
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12, x20
Bypass (x1), x6, x12, x20
BGA Package
23 x 23 mm
532-Pin BGA (GLZ)
532-Pin BGA (GLZ)
Process Technology
µm
0.09
µm
0.09
µm
Product Status
Product Preview (PP)
Production Data (PD)
PP
PD
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


同様の部品番号 - SM32C6416TBGLZI1EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM32C6416T-EP TI1-SM32C6416T-EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA6EP TI1-SM32C6416TGLZA6EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA7EP TI1-SM32C6416TGLZA7EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA8EP TI1-SM32C6416TGLZA8EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZI1EP TI1-SM32C6416TGLZI1EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM32C6416TBGLZI1EP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com