データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C6457CGMHS データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 SM320C6457CGMHS
部品情報  SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
Download  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6457CGMHS データシート(HTML) 8 Page - Texas Instruments

Back Button SM320C6457CGMHS Datasheet HTML 4Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 5Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 6Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 7Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 8Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 9Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 10Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 11Page - Texas Instruments SM320C6457CGMHS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 209 page
background image
8
SM320C6457-HIREL
SPRS948 – JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: SM320C6457-HIREL
Terminal Configuration and Functions
Copyright © 2016, Texas Instruments Incorporated
3.2
Pin Attributes
Table 3-2 identifies the external signal names, the associated pin (ball) numbers along with the
mechanical package designator, the pin type (I, O/Z, or I/O/Z), whether the pin has any internal
pullup/pulldown resistors, and a functional pin description. For more detailed information on device
configuration,
peripheral
selection,
multiplexed/shared
pins,
and
pullup/pulldown
resistors,
see
Section 5.5.
Use the symbol definitions in Table 3-1 when reading Table 3-2.
Table 3-1. I/O Functional Symbol Definitions
FUNCTIONAL
SYMBOL
DEFINITION
Table 3-2
COLUMN HEADING
IPD or IPU
Internal 100-µA pulldown or pullup is provided for this terminal. In most systems, a 1-kΩ
resistor can be used to oppose the IPD/IPU. For more detailed information on pulldown/pullup
resistors and situations in which external pulldown/pullup resistors are required, see
Section 5.5.6.
IPD/IPU
A
Analog signal
Type
GND
Ground
Type
I
Input terminal
Type
O
Output terminal
Type
S
Supply voltage
Type
Z
Three-state terminal or high impedance
Type
Table 3-2. Pin Attributes
SIGNAL NAME
BALL
NO.
TYPE
IPD/IPU DESCRIPTION
CLOCK/PLL CONFIGURATIONS
CORECLKN
AH7
I
Clock Input for PLL1 (differential).
CORECLKP
AH6
I
Clock Input for PLL1 (differential).
ALTCORECLK
AF6
Alternate Core Clock (single-ended) input to main PLL [vs. CORECLK(N|P)].
CORECLKSEL
AE6
Core Clock Select. Selects between CORECLK(N|P) and ALTCORECLK to the Main
PLL.
When CORECLKSEL = 0, it selects the differential clock [CORECLK(N|P)].
When CORECLKSEL = 1, it selects the single-ended clock [ALTCORECLK].
SYSCLKOUT
AD7
O/Z
IPD
SYSCLKOUT is the clock output at 1/10 (default rate) of the device speed.
DDRREFCLKN
E6
I
DDR Reference Clock Input to DDR PLL (differential).
DDRREFCLKP
D6
I
DDR Reference Clock Input to DDR PLL (differential).
ALTDDRCLK
C6
I
Alternate DDR Clock (single-ended) input to DDR PLL [vs. DDRREFCLK(N|P)].
DDRCLKSEL
G6
I
DDR Clock Select. Selects between DDRREFCLK(N|P) and ALTDDRCLK to the DDR
PLL.
When DDRCLKSEL = 0, it selects the differential clock [DDRREFCLK(N|P)].
When DDRCLKSEL = 1, it selects the single-ended clock [ALTDDRCLK].
RIOSGMIICLKN
AG6
RapidIO/SGMII Reference Clock to drive the RapidIO and SGMII SerDes (differential).
RIOSGMIICLKP
AG7
RapidIO/SGMII Reference Clock to drive the RapidIO and SGMII SerDes (differential).
JTAG EMULATION
TMS
Y2
I
IPU
JTAG test-port mode select
TDO
AF1
O/Z
JTAG test-port data out
TDI
AB1
I
IPU
JTAG test-port data in
TCK
AH3
I
IPU
JTAG test-port clock
TRST
AE2
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see Section 4.8.19.3.1.


同様の部品番号 - SM320C6457CGMHS

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C6455-EP TI1-SM320C6455-EP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZEP TI1-SM320C6455BGTZEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZSEP TI1-SM320C6455BGTZSEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320C6457CGMHS

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com