データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3046MX データシート(PDF) 2 Page - Texas Instruments

部品番号 LM3046MX
部品情報  Transistor Array
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3046MX データシート(HTML) 2 Page - Texas Instruments

  LM3046MX Datasheet HTML 1Page - Texas Instruments LM3046MX Datasheet HTML 2Page - Texas Instruments LM3046MX Datasheet HTML 3Page - Texas Instruments LM3046MX Datasheet HTML 4Page - Texas Instruments LM3046MX Datasheet HTML 5Page - Texas Instruments LM3046MX Datasheet HTML 6Page - Texas Instruments LM3046MX Datasheet HTML 7Page - Texas Instruments LM3046MX Datasheet HTML 8Page - Texas Instruments LM3046MX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LM3046
SNLS372B – JULY 1999 – REVISED MARCH 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
Each
Total
Units
Transistor
Package
TA = 25°C
300
750
mW
TA = 25°C to 55°C
300
750
Power Dissipation
TA > 55°C
Derate at 6.67
mW/°C
TA = 25°C to 75°C
mW
TA > 75°C
mW/°C
Collector to Emitter Voltage, VCEO
15
Collector to Base Voltage, VCBO
20
V
Collector to Substrate Voltage, VCIO
(4)
20
Emitter to Base Voltage, VEBO
5
Collector Current, IC
50
mA
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +85°C
Dual-In-Line Package Soldering (10 Sec.)
260°C
SOIC Package
Soldering Information
Vapor Phase (60 Seconds)
215°C
Infrared (15 Seconds)
220°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not guarantee specific performance limits.
(2)
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The collector of each transistor is isolated from the substrate by an integral diode. The substrate (terminal 13) must be connected to the
most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor action.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM3046


同様の部品番号 - LM3046MX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3046MX TI1-LM3046MX Datasheet
891Kb / 13P
[Old version datasheet]   LM3046 Transistor Array
More results

同様の説明 - LM3046MX

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ULN-2086A ETC1-ULN-2086A Datasheet
68Kb / 1P
   TRANSISTOR ARRAY
logo
National Semiconductor ...
LM3046 NSC-LM3046 Datasheet
197Kb / 6P
   Transistor Array
logo
NEC
UPA80C NEC-UPA80C Datasheet
327Kb / 2P
   TRANSISTOR ARRAY
logo
Diodes Incorporated
CTA2N1P DIODES-CTA2N1P Datasheet
61Kb / 3P
   COMPLEX TRANSISTOR ARRAY
DS30295 Rev. A-2
logo
Rohm
BA6254FS ROHM-BA6254FS Datasheet
62Kb / 4P
   PNP transistor array
logo
Sanken electric
STA461C SANKEN-STA461C Datasheet
22Kb / 1P
   Power Transistor Array
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
   Darlington Transistor Array
logo
JSC ALFA.
AS3046 ALFA-AS3046 Datasheet
431Kb / 2P
   NPN Transistor Array
logo
Silicon Supplies
SIS3045 SS-SIS3045 Datasheet
1Mb / 7P
   Monolithic Transistor Array
logo
Renesas Technology Corp
UPA1437 RENESAS-UPA1437 Datasheet
211Kb / 8P
   SILICON TRANSISTOR ARRAY
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com