データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXXK160N65B4 データシート(PDF) 1 Page - IXYS Corporation

部品番号 IXXK160N65B4
部品情報  Preliminary Technical Information
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXK160N65B4 データシート(HTML) 1 Page - IXYS Corporation

  IXXK160N65B4 Datasheet HTML 1Page - IXYS Corporation IXXK160N65B4 Datasheet HTML 2Page - IXYS Corporation IXXK160N65B4 Datasheet HTML 3Page - IXYS Corporation IXXK160N65B4 Datasheet HTML 4Page - IXYS Corporation IXXK160N65B4 Datasheet HTML 5Page - IXYS Corporation IXXK160N65B4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
XPTTM 650V IGBTs
GenX4TM
IXXK160N65B4
IXXX160N65B4
V
CES
= 650V
I
C110
= 160A
V
CE(sat)
≤≤≤≤≤ 1.80V
t
fi(typ)
= 90ns
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1MΩ
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C= 25°C (Chip Capability)
310
A
I
LRMS
Leads Current Limit
160
A
I
C110
T
C = 110°C
160
A
I
CM
T
C = 25°C, 1ms
860
A
SSOA
V
GE = 15V, TVJ = 150°C, RG = 1Ω
I
CM = 320
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G = 10Ω, Non Repetitive
P
C
T
C = 25°C
940
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
DS100517A(02/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
4.0
6.5
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
T
J = 150°C
1.5 mA
I
GES
V
CE = 0V, VGE = ±20V
±200 nA
V
CE(sat)
I
C
= 160A, V
GE = 15V, Note 1
1.54
1.80
V
T
J = 150°C
1.85
V
G = Gate
E
= Emitter
C = Collector
Tab = Collector
TO-264 (IXXK)
E
G
C
PLUS247 (IXXX)
G
Tab
Tab
E
C
G
Features
Optimized for 10-30kHz Switching
Square RBSOA
Short Circuit Capability
International Standard Packages
High Current Handling Capability
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Extreme Light Punch Through
IGBT for 10-30kHz Switching
Preliminary Technical Information


同様の部品番号 - IXXK160N65B4

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXXK160N65C4 IXYS-IXXK160N65C4 Datasheet
216Kb / 6P
   Preliminary Technical Information
More results

同様の説明 - IXXK160N65B4

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
   Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
   Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
   Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
   Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com