データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IXYF30N450 データシート(PDF) 1 Page - IXYS Corporation

部品番号 IXYF30N450
部品情報  Advance Technical Information
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYF30N450 データシート(HTML) 1 Page - IXYS Corporation

  IXYF30N450 Datasheet HTML 1Page - IXYS Corporation IXYF30N450 Datasheet HTML 2Page - IXYS Corporation IXYF30N450 Datasheet HTML 3Page - IXYS Corporation IXYF30N450 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
4500
V
V
CGR
T
J = 25°C to 150°C, RGE = 1M
4500
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
23
A
I
C110
T
C = 110°C
17
A
I
CM
T
C = 25°C, 1ms
190
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 15
I
CM = 90
A
(RBSOA)
Clamped Inductive Load
3600
V
P
C
T
C = 25°C
230
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10 seconds
260
°C
F
C
Mounting Force
20..120 / 4.5..27
Nm/lb.in.
V
ISOL
50/60Hz, 1 Minute
4000
V~
Weight
5
g
DS100569(11/13)
IXYF30N450
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C = 250μA, VGE = 0V
4500
V
V
GE(th)
I
C = 250μA, VCE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
25
μA
Note 2, T
J = 100°C
100
μA
I
GES
V
CE = 0V, VGE = ± 25V
±200 nA
V
CE(sat)
I
C = 30A, VGE = 15V, Note 1
3.2
3.9
V
T
J = 125°C
4.5
V
V
CES
= 4500V
I
C110
= 17A
V
CE(sat)
 3.9V
High Voltage XPTTM IGBT
(Electrically Isolated Tab)
1 = Gate
5 = Collector
2 = Emitter
ISOPLUS i4-PakTM
Isolated Tab
1
5
2
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
4000V~ Electrical Isolation
High Blocking Voltage
High Peak Current Capability
Low Saturation Voltage
Advantages
Low Gate Drive Requirement
High Power Density
Applications
Switch-Mode and Resonant-Mode
Power Supplies
Uninterruptible Power Supplies (UPS)
Laser Generators
Capacitor Discharge Circuits
AC Switches
Advance Technical Information


同様の部品番号 - IXYF30N450

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
More results

同様の説明 - IXYF30N450

メーカー部品番号データシート部品情報
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com