データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP175AIDR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP175AIDR
部品情報  Digital Temperature Sensor with Two-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP175AIDR データシート(HTML) 5 Page - Texas Instruments

  TMP175AIDR Datasheet HTML 1Page - Texas Instruments TMP175AIDR Datasheet HTML 2Page - Texas Instruments TMP175AIDR Datasheet HTML 3Page - Texas Instruments TMP175AIDR Datasheet HTML 4Page - Texas Instruments TMP175AIDR Datasheet HTML 5Page - Texas Instruments TMP175AIDR Datasheet HTML 6Page - Texas Instruments TMP175AIDR Datasheet HTML 7Page - Texas Instruments TMP175AIDR Datasheet HTML 8Page - Texas Instruments TMP175AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TMP175, 75
SBOS288C
www.ti.com
5
APPLICATIONS INFORMATION
The TMP175 and TMP75 are digital temperature sensors
that are optimal for thermal management and thermal protec-
tion applications. The TMP175 and TMP75 are Two-Wire
and SMBus interface-compatible, and are specified over a
temperature range of –40°C to +125°C.
The TMP175 and TMP75 require no external components
for operation except for pull-up resistors on SCL, SDA, and
ALERT, although a 0.1
µF bypass capacitor is recommended,
as shown in Figure 1.
TEMPERATURE REGISTER
The Temperature Register of the TMP175 or TMP75 is a
12-bit, read-only register that stores the output of the most
recent conversion. Two bytes must be read to obtain data,
and are described in Table III and Table IV. The first 12 bits
are used to indicate temperature, with all remaining bits equal
to zero. Data format for temperature is summarized in Table
V. Following power-up or reset, the Temperature Register will
read 0°C until the first conversion is complete.
FIGURE 1. Typical Connections of the TMP175 and TMP75.
The sensing device of the TMP175 and TMP75 is the chip
itself. Thermal paths run through the package leads as well
as the plastic package. The lower thermal resistance of metal
causes the leads to provide the primary thermal path.
To maintain accuracy in applications requiring air or surface
temperature measurement, care should be taken to isolate
the package and leads from ambient air temperature. A
thermally-conductive adhesive will assist in achieving accu-
rate surface temperature measurement.
POINTER REGISTER
Figure 2 shows the internal register structure of the TMP175
and TMP75. The 8-bit Pointer Register of the devices are
used to address a given data register. The Pointer Register
uses the two LSBs to identify which of the data registers
should respond to a read or write command. Table I identifies
the bits of the Pointer Register byte. Table II describes the
pointer address of the registers available in the TMP175 and
TMP75. Power-up Reset value of P1/P0 is 00.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
TABLE I. Pointer Register Byte.
P1
P0
REGISTER
0
0
Temperature Register (READ Only)
0
1
Configuration Register (READ/WRITE)
10
TLOW Register (READ/WRITE)
11
THIGH Register (READ/WRITE)
TABLE II. Pointer Addresses of the TMP175 and TMP75
Registers.
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
TABLE III. Byte 1 of Temperature Register.
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
TABLE IV. Byte 2 of Temperature Register.
FIGURE 2. Internal Register Structure of TMP175 and TMP75.
TMP175
TMP75
0.1
µF
V+
GND
4
3
7
8
ALERT
(Output)
A
0
6
A
1
5
A
2
2
1
SCL
SDA
To
Two-Wire
Controller
NOTE: SCL, SDA, and ALERT
pins require pull-up resistors.
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register


同様の部品番号 - TMP175AIDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP175AIDR TI1-TMP175AIDR Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP175AIDR UMW-TMP175AIDR Datasheet
874Kb / 18P
   Low-Power, LM75-Compatible Digital Temperature Sensor WithS MBus and I 2C Interface
logo
Texas Instruments
TMP175AIDRG4 TI1-TMP175AIDRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
More results

同様の説明 - TMP175AIDR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com