データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317L データシート(PDF) 8 Page - Texas Instruments

部品番号 LM317L
部品情報  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317L データシート(HTML) 8 Page - Texas Instruments

Back Button LM317L_15 Datasheet HTML 4Page - Texas Instruments LM317L_15 Datasheet HTML 5Page - Texas Instruments LM317L_15 Datasheet HTML 6Page - Texas Instruments LM317L_15 Datasheet HTML 7Page - Texas Instruments LM317L_15 Datasheet HTML 8Page - Texas Instruments LM317L_15 Datasheet HTML 9Page - Texas Instruments LM317L_15 Datasheet HTML 10Page - Texas Instruments LM317L_15 Datasheet HTML 11Page - Texas Instruments LM317L_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
C1 = 0.1 µF
VI
470 W
R1
R2
C2 = 1 µF
VO
Adjustment
Output
Input
LM317L
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The two output resistors are the only components required to adjust VOUT.
9.2 Typical Application
9.2.1 Design Requirements
1. Use of an input bypass capacitor is recommended if regulator is far from the filter capacitors.
2. For this design example, use the parameters listed in Table 1.
3. Use of an output capacitor improves transient response, but is optional.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
(Output Voltage + 2.5 V) to 32 V
Output voltage
VREF × (1 + R2 / R1) + IADJ × R2
9.2.2 Detailed Design Procedure
9.2.2.1 Input Capacitor
An input capacitor is not required, but it is recommended, particularly if the regulator is not in close proximity to
the power-supply filter capacitors. A 0.1-µF ceramic or 1-µF tantalum provides sufficient bypassing for most
applications, especially when adjustment and output capacitors are used.
9.2.2.2 Output Capacitor
An output capacitor improves transient response, but it not needed for stability.
9.2.2.3 Feedback Resistors
The feedback resistor set the output voltage using Equation 2.
VREF × (1 + R2 / R1) + IADJ × R2
(2)
8
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L


同様の部品番号 - LM317L_15

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
LM317L UTC-LM317L_15 Datasheet
215Kb / 5P
   ADJUSTABLE VOLTAGE REGULATOR
More results

同様の説明 - LM317L_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com