データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317L データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317L
部品情報  3-Terminal Adjustable Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317L データシート(HTML) 10 Page - Texas Instruments

Back Button LM317L Datasheet HTML 6Page - Texas Instruments LM317L Datasheet HTML 7Page - Texas Instruments LM317L Datasheet HTML 8Page - Texas Instruments LM317L Datasheet HTML 9Page - Texas Instruments LM317L Datasheet HTML 10Page - Texas Instruments LM317L Datasheet HTML 11Page - Texas Instruments LM317L Datasheet HTML 12Page - Texas Instruments LM317L Datasheet HTML 13Page - Texas Instruments LM317L Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
VI
R1
Adjustment
Output
Input
LM317L
I
limit
1.25
R1
=
VO
R2 = 3 kW
1N4002
R3 =
820 W
−10 V
C1 = 0.1 µF
35 V
Adjustment
Output
Input
LM317L
R1 = 120 W
2
3
OUT
REF
1
R
R
V
V
1
10 V
R
æ
ö
+
=
+
-
ç
÷
è
ø
R1 =
470 W
D1
1N4002
C3 = 1 µF
C2 = 10 µF
R2 =
10 kW
VI
+
+
Adjustment
Output
Input
LM317L
VO
C1 =
0.1 µF
LM317L
SLCS144E – JULY 2004 – REVISED OCTOBER 2014
www.ti.com
9.3 General Configurations
9.3.1 Regulator Circuit With Improved Ripple Rejection
C2 helps to stabilize the voltage at the adjustment pin, which will help reject noise. Diode D1 exists to discharge
C2 in case the output is shorted to ground.
Figure 3. Regulator Circuit With Improved Ripple Rejection
9.3.2 0-V to 30-V Regulator Circuit
In the 0-V to 30-V regulator circuit application, the output voltage is determined by Equation 4.
(4)
Figure 4. 0-V to 30-V Regulator Circuit
9.3.3 Precision Current-Limiter Circuit
This application will limit the output current to the ILIMIT shown in Figure 5.
Figure 5. Precision Current-Limiter Circuit
10
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM317L


同様の部品番号 - LM317L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
   3-Terminal Adjustable Regulator
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
   LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
290Kb / 18P
   Low current 1.2 to 37V adjustable voltage regulator
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
   LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
More results

同様の説明 - LM317L

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com